Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR100-5 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MCR100-5
Description  Peak Repetitive Forward and Reverse Blocking
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MCR100-5 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MCR100-5 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MCR100-5 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 06/12/2003
®
SEMTECH ELECTRONICS LTD.
Subsidiary of Sino-Tech International (BVI) Limited
MCR100-3 … MCR100-8
Absolute Maximum Ratings (TJ = 25 OC unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking
Voltage
1) (T
J = 25 to 125 °C, RGK = 1 KΩ)
MCR100-3
MCR100-4
MCR100-5
MCR100-6
MCR100-7
MCR100-8
VDRM and VRRM
100
200
300
400
500
600
V
Forward Current RMS (All Conduction Angles)
IT(RMS)
0.8
A
Peak Forward Surge Current, TA = 25 °C
(1/2 Cycle, Sine Wave, 60 Hz)
ITSM
10
A
Circuit Fusing Considerations (t = 8.3 ms)
I
2t
0.415
A
2s
Forward Peak Gate Power (TA = 25 °C, PW ≤ 1 µs)
PGM
0.1
W
Forward Average Gate Power (TA = 25 °C)
PGF(AV)
0.01
W
Forward Peak Gate Current (TA = 25 °C, PW ≤ 1 µs)
IGFM
1
A
Reverse Peak Gate Voltage (TA = 25 °C PW ≤ 1 µs)
VGRM
5
V
Operating Junction Temperature Range
at Rated VRRM and VDRM
Tj
- 40 to + 125
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
1) V
DRM and VRRM for types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage;
however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages
shall not be tested with a constant current source such that the voltage ratings of the device are exceeded.
Characteristics at Ta = 25 OC, RGK = 1 KΩ unless otherwise noted.
Parameter
Symbol
Min.
Max.
Unit
Peak Forward or Reverse Blocking Current
at VAK = Rated VDRM or VRRM
IDRM, IRRM
-
10
µA
Peak Forward On-State Voltage
at ITM = 1 A Peak, TA = 25 °C
VTM
-
1.7
V
Gate Trigger Current (Continuous dc)
1)
at Anode Voltage = 7 Vdc, RL=100 Ω)
IGT
-
200
µA
Gate Trigger Voltage (Continuous dc)
at Anode Voltage = 7 Vdc, RL = 100 Ω)
at Anode Voltage = Rated VDRM, RL = 100 Ω)
VGT
-
0.8
V
Holding Current
at Anode Voltage = 7 Vdc, initiating current = 20 mA)
IH
-
5
mA
1) R
GK current is not included in measurement.
1. Cathode 2. Gate 3. Anode
TO-92 Plastic Package
K
G
A


Similar Part No. - MCR100-5

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
MCR100-5 SEMTECH-MCR100-5 Datasheet
233Kb / 3P
   SCR
logo
Digitron Semiconductors
MCR100-5 DIGITRON-MCR100-5 Datasheet
205Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Nanjing International G...
MCR100-5 DGNJDZ-MCR100-5 Datasheet
60Kb / 3P
   TO-92 Plastic Package Weight approx. 0.19g
logo
Taiwan Semiconductor Co...
MCR100-5-A1 TSC-MCR100-5-A1 Datasheet
210Kb / 3P
   Thyristors
MCR100-5-A1G TSC-MCR100-5-A1G Datasheet
210Kb / 3P
   Thyristors
More results

Similar Description - MCR100-5

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N248B NJSEMI-1N248B Datasheet
129Kb / 1P
   PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
logo
Kingtronics Internation...
BAV99 KINGTRONICS-BAV99 Datasheet
414Kb / 2P
   Repetitive Peak Reverse Voltage
logo
Infineon Technologies A...
D2650N INFINEON-D2650N Datasheet
246Kb / 8P
   Periodische Spitzensperrspannung repetitive peak reverse voltages
2009-06-15 revision: 1
logo
Toshiba Semiconductor
U1JC44TE12L TOSHIBA-U1JC44TE12L Datasheet
205Kb / 4P
   Average Forward Current Repetitive Peak Reverse Voltage Mini Plastic Mold Package
logo
New Jersey Semi-Conduct...
C387 NJSEMI-C387 Datasheet
276Kb / 3P
   Forward and reverse blocking capabilities to 1200 volts
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FTD182 FCI-FTD182 Datasheet
155Kb / 1P
   DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
logo
Fairchild Semiconductor
1N4148 FAIRCHILD-1N4148 Datasheet
146Kb / 7P
   Maximum Repetitive Reverse Voltage
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
   REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
   REPETITIVE PEAK OFF-STATE VOLTAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com