Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3812M-7.0 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3812M-7.0
Description  Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3812M-7.0 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3812M-7.0 Datasheet HTML 4Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 5Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 6Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 7Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 8Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 9Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 10Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 11Page - National Semiconductor (TI) LM3812M-7.0 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Application Circuits In the application circuits, the 0.1 µF ceramic capacitor between pins 1 and 8
is used for bypassing, and the 0.1 µF ceramic capacitor between pins 3 and 4 is used for filtering. Shutdown (SD) is tied to
VDD through a 10 k
Ω resistor. (Continued)
DS100122-7
FIGURE 3. Paralleling LM3812 for Higher Load Current
I
TOTAL = 2.2(D1−0.5)IMAX + 2.2(D2−0.5)IMAX
where D
1 is the duty cycle of PWM1 and D2 is the duty cycle of PWM2.
Please refer to the Product Operation section for more information.
DS100122-8
FIGURE 4. High Voltage Operation — V
IN Greater Than 5.25V (High Side Sense)
(PWM output is referred to Pin 7)
www.national.com
8


Similar Part No. - LM3812M-7.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM381 NSC-LM381 Datasheet
130Kb / 6P
   LM381/LM381A Low Noise Dual Preamplifier
logo
Seoul Semiconductor
LM381 SEOUL-LM381 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM381 SEOUL-LM381 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LM3812M-7.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3814 NSC-LM3814_05 Datasheet
708Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3814 NSC-LM3814 Datasheet
264Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3822 NSC-LM3822 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3824 NSC-LM3824 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
   Wire Element Four Terminal Precision Current Sense
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
   Wire Element Four Terminal Precision Current Sense
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
   4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
   Integrated Current Sense Element
Rev 0; 10/17
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
   High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com