Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9500 Datasheet(PDF) 27 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9500
Description  Imaging-Based Proximity and Gesture Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9500 Datasheet(HTML) 27 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9500 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
1
R_IDLE_TIME_SLEEP_2
0x6A
7:0
0x02
R/W
High Byte for Idle time for deep sleep
1
R_Obj_TIME_1
0x6B
7:0
0xB0
R/W
Low Byte for weak sleep enter time,
unit: one report frame time
1
R_Obj_TIME_1
0x6C
7:0
0x04
R/W
High Byte for weak sleep enter time
1
R_Obj_TIME_2
0x6D
7:0
0x60
R/W
Low Byte for deep sleep enter time,
unit: two report frame time
1
R_Obj_TIME_2
0x6E
7:0
0x09
R/W
High Byte for deep sleep enter time
1
R_TG_INIT_TIME
0x6F
7:0
0x32
R/W
Fine tune of idle time for normal operation,
unit: 4 μs
1
R_TG_POWERON_
WAKEUP_TIME
0x71
7:0
0x00
R/W
Wakeup time after TG_START for
analog CDS power on stable,
unit: 4 μs
1
R_TG_EnH
0x72
7:0
0x00
R/W
TG enable,
Enable R_TG_EnH after setting all parameters
1
R_Auto_SLEEP_Mode1
0x73
1:0
0x00
R/W
Weak sleep method selection
0: No motion sleep
1: No object sleep
1
R_Auto_SLEEP_Mode2
0x73
3:2
0x00
R/W
Deep sleep method selection
0: No motion sleep
1: No object sleep
1
R_Auto_WakeUP_
Mode
0x73
5:4
0x00
R/W
Wake up method selection
bit[4] :
0: Motion wake up at weak sleep
1: Object wake up at weak sleep
bit[5] :
0: Motion wake up at deep sleep
1: Object wake up at deep sleep
1
R_ WakeUpSig_Sel
0x74
5:4
0x00
R/W
1: GPIO0 output TG_Start signal
2: GPIO0 output TG_Finish signal
Part ID / Version ID
Bank
Register Name
Addr
Bits
Default
Value
R/W
Description
0
PartID
0x00
7:0
0x20
R
Low byte of Part ID
0
PartID
0x01
7:0
0x76
R
High byte of Part ID
0
VersionID
0x02
7:0
0x01
R
Version ID
Suspend / Reset
Bank
Register Name
Addr
Bits
Default
Value
R/W
Description
0
SW_Suspend_EnL
0x03
7:0
0x01
W
1: Software suspend


Similar Part No. - APDS-9500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002-021 HP-APDS-9002-021 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS-9500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
   Photometric Sensor for Gesture and Proximity
logo
STMicroelectronics
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
   Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9960 AVAGO-APDS-9960 Datasheet
1Mb / 38P
   Digital Proximity, Ambient Light, RGB and Gesture Sensor
logo
Sharp Corporation
GP2AP054A00F SHARP-GP2AP054A00F Datasheet
820Kb / 25P
   GP2AP054A00F is ambient light sensor and gesture sens or/proximity sensor with function ambient light sensing and gesture sensing proximity sensing by setting register.
logo
ams AG
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
logo
ams AG
TMG4903 AMSCO-TMG4903 Datasheet
1Mb / 104P
   Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
logo
Melexis Microelectronic...
MLX75031 MELEXIS-MLX75031 Datasheet
1Mb / 67P
   Optical Gesture & Proximity Sensing IC
logo
STMicroelectronics
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
   Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com