Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WB66K8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WB66K8X
Description  Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WB66K8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WB66K8X Datasheet HTML 1Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 2Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 3Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 4Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 5Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 6Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 7Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 8Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 7:
'RON RON max  RON min measured at identical VCC, temperature and voltage levels.
AC Electrical Characteristics
Note 8: This parameter is guaranteed by design. The switch contributes no propagation delay other than the RC delay of the On Resistance of the switch and the 50 pF load
capacitance.
Note 9: Guaranteed by design.
Note 10: Off Isolation
20 log10 [VA/VBn]
Capacitance
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Number
tPHL, tPLH
Propagation Delay Bus-to-Bus
4.5 to 5.5
0.35
1.0
ns
(Note 8)
3.0 to 3.6
0.7
1.5
VI OPEN
Figures
1, 2
2.3 to 2.7
1.1
2.5
CL 50 pF, RU RD 500:
1.65 to 1.95
2.0
4.0
tPZL, tPZH
Output Enable Time
4.5 to 5.5
0.8
2.0
3.2
ns
Turn on Time
3.0 to 3.6
1.2
2.5
3.9
VI 0V for tPZH
Figures
1, 2
2.3 to 2.7
1.5
3.2
5.6
VI 2 x VCC for tPZL
1.65 to 1.95
2.5
5.7
10.0
CL 50 pF, RU RD 500:
tPLZ, tPHZ
Output Disable Time
4.5 to 5.5
0.8
2.6
4.1
ns
Turn Off Time
3.0 to 3.6
1.5
3.4
5.0
VI 0V for tPHZ
Figures
1, 2
2.3 to 2.7
2.0
4.2
6.9
VI 2 x VCC for tPLZ
1.65 to 1.95
3.0
6.2
10.5
CL 50 pF, RU RD 500:
Q
Charge Injection (Note 9)
1.65 to 5.5
pC
CL 0.1 nF, VGEN 0V,
Figure 3
RGEN 0 :, f 1 MHz
OIRR
Off Isolation (Note 10)
1.65 to 5.5
-55.0
dB
RL 50 :, CL 5 pF,
Figure 4
f
10 MHz
Xtalk
Crosstalk
1.65 to 5.5
70.0
dB
RL 50 :, CL 5 pF,
Figure 5
f
10 MHz
BW
3dB Bandwidth
1.65 to 5.5
!300
MHz
RL 50 :
Figure 8
THD
Total Harmonic Distortion
5
.016
%
RL 600:
(Note 9)
0.5 VP-P
f
600 Hz to 20 KHz
Symbol
Parameter
Typ
Max
Units
Conditions
Figures
CIN
Control Pin Input Capacitance
2.5
pF
VCC 0V
CI/O (OFF)
Switch Port Off Capacitance
5.0
pF
VCC 5.0V
Figure 6
CI/O (ON)
Switch Port Capacitance when Switch is Enabled
10.0
pF
VCC 5.0V
Figure 7


Similar Part No. - NC7WB66K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WB66K8X FAIRCHILD-NC7WB66K8X Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7WB66K8X ONSEMI-NC7WB66K8X Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
More results

Similar Description - NC7WB66K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA266 ONSEMI-FSA266 Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_05 Datasheet
220Kb / 10P
   Low Voltage Single SPST Normally Open Bus Switch
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7WB66 FAIRCHILD-NC7WB66 Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com