Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMN-C120 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMN-C120
Description  High brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMN-C120 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMN-C120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMN-C120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Package Dimensions, continued
Absolute Maximum Ratings at TA = 25˚C
HSMM-C110/C120/C170/C190/C150
Parameter
HSMN-C110/C120/C170/C190/C191/C150
Units
DC Forward Current [1]
20
mA
Power Dissipation
78
mW
Reverse Voltage (IR = 100 μA)
5
V
Led Junction Temperature
95
˚C
Operating Temperature Range
–40 to +85
˚C
Storage Temperature Range
–40 to +85
˚C
Soldering Temperature
See reflow soldering profile (Figure 7)
Note:
1. Derate linearly as shown in Figure 4.
Electrical Characteristics at TA = 25˚C
Forward Voltage
Reverse Breakdown
Capacitance C
Thermal
VF (Volts)
VR (Volts)
(pF), VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 μA
f = 1 MHz
R
TJ–PIN (˚C/W)
Part Number
Typ.
Max.
Min.
Typ.
Typ.
HSMM-C110/C150
3.3
3.9
5
70
450
HSMN-C110/C150
3.3
3.9
5
70
450
HSMM-C120
3.3
3.9
5
45
450
HSMN-C120
3.3
3.9
5
45
450
HSMM-C170/C190
3.3
3.9
5
70
300
HSMN-C170/C190/C191
3.3
3.9
5
70
300
VF Tolerance: ±0.1 V.
HSMx-C150
3.2 (0.126 )
0.5 (0.020)
0.50 ± 0.2
(0.020 ± 0.008)
0.6 (0.024)
POLARITY
CATHODE
MARK
1.1 (0.043)
0.50 ± 0.2
(0.020 ± 0.008)
2.0 (0.079)
DIFFUSED
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.6 (0.063)
CATHODE LINE
NOTES:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.1 mm (± 0.004 in.) unless otherwise specified.
HSMx-C191
1.6
(0.063 )
0.3 (0.012)
0.3 ± 0.15
(0.012 ± 0.006)
0.3 (0.012)
POLARITY
CATHODE
MARK
0.6 (0.023)
0.3 ± 0.15
(0.012 ± 0.006)
1.0
(0.039)
DIFFUSED EPOXY
PC BOARD
SOLDERING
TERMINAL
0.8 (0.031)
CATHODE LINE
0.7 (0.028) MIN.


Similar Part No. - HSMN-C120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMN-C120 HP-HSMN-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
More results

Similar Description - HSMN-C120

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com