Electronic Components Datasheet Search |
|
HSMN-C150 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
HSMN-C150 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
3 / 9 page 3 Package Dimensions, continued Absolute Maximum Ratings at TA = 25˚C HSMM-C110/C120/C170/C190/C150 Parameter HSMN-C110/C120/C170/C190/C191/C150 Units DC Forward Current [1] 20 mA Power Dissipation 78 mW Reverse Voltage (IR = 100 μA) 5 V Led Junction Temperature 95 ˚C Operating Temperature Range –40 to +85 ˚C Storage Temperature Range –40 to +85 ˚C Soldering Temperature See reflow soldering profile (Figure 7) Note: 1. Derate linearly as shown in Figure 4. Electrical Characteristics at TA = 25˚C Forward Voltage Reverse Breakdown Capacitance C Thermal VF (Volts) VR (Volts) (pF), VF = 0, Resistance @ IF = 20 mA @ IR = 100 μA f = 1 MHz R TJ–PIN (˚C/W) Part Number Typ. Max. Min. Typ. Typ. HSMM-C110/C150 3.3 3.9 5 70 450 HSMN-C110/C150 3.3 3.9 5 70 450 HSMM-C120 3.3 3.9 5 45 450 HSMN-C120 3.3 3.9 5 45 450 HSMM-C170/C190 3.3 3.9 5 70 300 HSMN-C170/C190/C191 3.3 3.9 5 70 300 VF Tolerance: ±0.1 V. HSMx-C150 3.2 (0.126 ) 0.5 (0.020) 0.50 ± 0.2 (0.020 ± 0.008) 0.6 (0.024) POLARITY CATHODE MARK 1.1 (0.043) 0.50 ± 0.2 (0.020 ± 0.008) 2.0 (0.079) DIFFUSED EPOXY PC BOARD SOLDERING TERMINAL 1.6 (0.063) CATHODE LINE NOTES: 1. All dimensions in millimeters (inches). 2. Tolerance is ± 0.1 mm (± 0.004 in.) unless otherwise specified. HSMx-C191 1.6 (0.063 ) 0.3 (0.012) 0.3 ± 0.15 (0.012 ± 0.006) 0.3 (0.012) POLARITY CATHODE MARK 0.6 (0.023) 0.3 ± 0.15 (0.012 ± 0.006) 1.0 (0.039) DIFFUSED EPOXY PC BOARD SOLDERING TERMINAL 0.8 (0.031) CATHODE LINE 0.7 (0.028) MIN. |
Similar Part No. - HSMN-C150 |
|
Similar Description - HSMN-C150 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |