Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1111 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1111
Description  Good linearity
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1111 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button WS1111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Characterization Data - AMPS (Vcc=3.4V, Vref=2.85V, T=25
°C, Fo=837MHz)
Figure 7. Total Current vs. Output Power.
Figure 8. Gain vs. Output Power.
Figure 9. Power Added Efficiency vs. Output Power.
Figure 10. Harmonic Suppression vs. Output Power.
0
100
200
300
400
500
600
700
800
-8
-4
0
4
8
12
16
20
24
28
32
Pout (dBm)
16
18
20
22
24
26
28
30
32
-8
-4
0
4
8
121620
242832
Pout (dBm)
0
10
20
30
40
50
60
-8
-4
0
4
8
12
16
20
24
28
32
Pout (dBm)
-70
-60
-50
-40
-30
-20
-10
0
-4
0
4
8
12
16
20
24
28
32
Pout (dBm)


Similar Part No. - WS1111

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS11-2000-INC24V-L01 ASM-SENSOR-WS11-2000-INC24V-L01 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS11-2000-INC5V-L01 ASM-SENSOR-WS11-2000-INC5V-L01 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS11-2000-SSI-L01 ASM-SENSOR-WS11-2000-SSI-L01 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS11-5000-INC24V-L01 ASM-SENSOR-WS11-5000-INC24V-L01 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
More results

Similar Description - WS1111

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
UM-1286 HARRIS-UM-1286 Datasheet
1Mb / 2P
   good modulation linearity
logo
Inchange Semiconductor ...
2SA2140 ISC-2SA2140 Datasheet
101Kb / 2P
   Good Linearity of hFE
2SB996 ISC-2SB996 Datasheet
107Kb / 2P
   Good Linearity of hFE
2SC3181 ISC-2SC3181 Datasheet
210Kb / 2P
   Good Linearity of hFE
2SC3856-P ISC-2SC3856-P Datasheet
587Kb / 3P
   Good Linearity of hFE
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
   Good Linearity of hFE
2SD1475 ISC-2SD1475 Datasheet
139Kb / 2P
   Good Linearity of hFE
2SB981 ISC-2SB981 Datasheet
99Kb / 2P
   Good Linearity of hFE
2SD1269 ISC-2SD1269 Datasheet
140Kb / 2P
   Good Linearity of hFE
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
   Good Linearity of hFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com