Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V821 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V821
Description  3.3 VOLT DUAL CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V821 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V821 Datasheet HTML 1Page - Integrated Device Technology IDT72V821 Datasheet HTML 2Page - Integrated Device Technology IDT72V821 Datasheet HTML 3Page - Integrated Device Technology IDT72V821 Datasheet HTML 4Page - Integrated Device Technology IDT72V821 Datasheet HTML 5Page - Integrated Device Technology IDT72V821 Datasheet HTML 6Page - Integrated Device Technology IDT72V821 Datasheet HTML 7Page - Integrated Device Technology IDT72V821 Datasheet HTML 8Page - Integrated Device Technology IDT72V821 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
IDT72V801/72V8211/72V821/72V831/72V841/72V851 3.3V DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
PIN DESCRIPTIONS
TheIDT72V801/72V811/72V821/72V831/72V841/72V851'stwoFIFOs,
referredtoasFIFOAandFIFOB,areidenticalineveryrespect.Thefollowing
descriptiondefinestheinputandoutputsignalsforFIFOA.Thecorresponding
signal names for FIFO B are provided in parentheses.
Symbol
Name
I/O
Description
DA0-DA8
A Data Inputs
I
9-bit data inputs to RAM array A.
DB0-DB8
B Data Inputs
I
9-bit data inputs to RAM array B.
RSA, RSB
Reset
I
When RSA(RSB) is set LOW, the associated internal read and write pointers of array A (B) are set to the first
location; FFA (FFB) and PAFA (PAFB) go HIGH, and PAEA (PAEB) and EFA (EFB) go LOW. After power-
up, a reset of both FIFOs A and B is required before an initial WRITE.
WCLKA
Write Clock
I
Data is written into the FIFO A (B) on a LOW-to-HIGH transition of WCLKA (WCLKB) when the write enable(s)
WCLKB
areasserted.
WENA1
Write Enable 1
I
If FIFO A (B) is configured to have programmable flags, WENA1 (WENB1) is the only write enable pin that can be
WENB1
used. When WENA1 (WENB1) is LOW, data A (B) is written into the FIFO on every LOW-to-HIGH transition
WCLKA (WCLKB). If the FIFO is configured to have two write enables, WENA1 (WENB1) must be LOW and
WENA2 (WENB2) must be HIGH to write data into the FIFO. Data will not be written into the FIFO if FFA (FFB) is
LOW.
WENA2/LDA
Write Enable 2/
I
FIFO A (B) is configured at reset to have either two write enables or programmable flags. If LDA (LDB) is HIGH at
WENB2/LDB
Load
reset, this pin operates as a second Write Enable. If WENA2/LDA (WENB2/LDB) is LOW at reset this pin operates
as a control to load and read the programmable flag offsets for its respective array. If the FIFO is configured to have
two write enables, WENA1 (WENB1) must be LOW and WENA2 (WENB2) must be HIGH to write data into FIFO
A (B). Data will not be written into FIFO A (B) if FFA (FFB) is LOW. If the FIFO is configured to have programmable
flags, LDA(LDB) is held LOW to write or read the programmable flag offsets.
QA0-QA8
A Data Outputs
O 9-bit data outputs from RAM array A.
QB0-QB8
B Data Outputs
O 9-bit data outputs from RAM array B.
RCLKA
Read Clock
I
Data is read from FIFO A (B) on a LOW-to-HIGH transition of RCLKA (RCLKB) when RENA1(RENB1) and
RCLKB
RENA2 (RENB2) are asserted.
RENA1
Read Enable 1
I
When RENA1 (RENB1) and RENA2 (RENB2) are LOW, data is read from FIFO A (B) on every LOW-to-HIGH
RENB1
transition of RCLKA (RCLKB). Data will not be read from Array A (B) if EFA (EFB) is LOW.
RENA2
Read Enable 2
I
When RENA1 (RENB1) and RENA2 (RENB2) are LOW, data is read from the FIFO A (B) on every LOW-to-
RENB2
HIGH transition of RCLKA (RCLKB). Data will not be read from array A (B) if the EFA (EFB) is LOW.
OEA
OutputEnable
I
When OEA (OEB) is LOW, outputs DA0-DA8 (DB0-DB8) are active. If OEA (OEB) is HIGH, the OEB outputs DA0-
DA8 (DB0-DB8) will be in a high-impedance state.
EFA
Empty Flag
O When EFA (EFB) is LOW, FIFO A (B) is empty and further data reads from the output are inhibited. When EFA
EFB
(EFB) is HIGH, FIFO A (B) is not empty. EFA (EFB) is synchronized to RCLKA (RCLKB).
PAEA
Programmable
O When PAEA(PAEB) is LOW, FIFO A (B) is Almost-Empty based on the offset programmed into the appropriate
PAEB
Almost-Empty Flag
offset register. The default offset at reset is Empty+7. PAEA (PAEB) is synchronized to RCLKA (RCLKB).
PAFA
Programmable
O When PAFA(PAFB) is LOW, FIFO A (B) is Almost-Full based on the offset programmed into the appropriate offset
PAFB
Almost-FullFlag
register. The default offset at reset is Full-7. PAFA (PAFB) is synchronized to WCLKA (WCLKB).
FFA
Full Flag
O When FFA (FFB) is LOW, FIFO A (B) is full and further data writes into the input are inhibited. When FFA (FFB) is
FFB
HIGH, FIFO A (B) is not full. FFA (FFB) is synchronized to WCLKA (WCLKB).
VCC
Power
+3.3V power supply pin.
GND
Ground
0V ground pin.


Similar Part No. - IDT72V821

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V821 IDT-IDT72V821 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
logo
Renesas Technology Corp
IDT72V821 RENESAS-IDT72V821 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V821L10PF IDT-IDT72V821L10PF Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V821L10TF IDT-IDT72V821L10TF Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V821L15PF IDT-IDT72V821L15PF Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
More results

Similar Description - IDT72V821

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com