Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V841 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V841
Description  3.3 VOLT DUAL CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V841 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V841 Datasheet HTML 4Page - Integrated Device Technology IDT72V841 Datasheet HTML 5Page - Integrated Device Technology IDT72V841 Datasheet HTML 6Page - Integrated Device Technology IDT72V841 Datasheet HTML 7Page - Integrated Device Technology IDT72V841 Datasheet HTML 8Page - Integrated Device Technology IDT72V841 Datasheet HTML 9Page - Integrated Device Technology IDT72V841 Datasheet HTML 10Page - Integrated Device Technology IDT72V841 Datasheet HTML 11Page - Integrated Device Technology IDT72V841 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
IDT72V801/72V8211/72V821/72V831/72V841/72V851 3.3V DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
OUTPUTS
OUTPUTS
OUTPUTS
OUTPUTS
OUTPUTS:::::
Full Flag (FFA, FFB) — FFA (FFB) will go LOW, inhibiting further write
operations, when Array A (B) is full. If no reads are performed after reset,
FFA(FFB) will go LOW after 256 writes to the IDT72V801's FIFO A (B), 512
writestotheIDT72V811'sFIFOA(B),1,024writestotheIDT72V821'sFIFO
A (B), 2,048 writes to the IDT72V831's FIFO A (B), 4,096 writes to the
IDT72V841's FIFO A (B), or 8,192 writes to the IDT72V851's FIFO A (B).
FFA(FFB) is synchronized with respect to the LOW-to-HIGH transition of
theWriteClockWCLKA(WCLKB).
Empty Flag (EFA, EFB) — EFA(EFB) will go LOW, inhibiting further read
operations,whenthereadpointerisequaltothewritepointer,indicatingthat
Array A (B) is empty.
EFA(EFB) is synchronized with respect to the LOW-to-HIGH transition of
the Read Clock RCLKA (RCLKB).
ProgrammableAlmost–FullFlag(PAFA, PAFB) —PAFA(PAFB)willgo
LOWwhentheamountofdatainArrayA(B)reachestheAlmost-Fullcondition.
If no reads are performed after reset, PAFA(PAFB) will go LOW after (256-m)
writestotheIDT72V801'sFIFOA(B),(512-m)writestotheIDT72V811'sFIFO
A (B), (1,024-m) writes to the IDT72V821's FIFO A (B), (2,048-m) writes to
the IDT72V831's FIFO A (B), (4,096-m) writes to the IDT72V841's FIFO A
(B), or (8,1912-m) writes to the IDT72V851's FIFO A (B).
FFA(FFB) is synchronized with respect to the LOW-to-HIGH transition of
theWriteClockWCLKA(WCLKB). Theoffset“m”isdefinedintheFullOffset
Registers.
IfthereisnoFulloffsetspecified,PAFA(PAFB)willgoLOWatFull-7words.
PAFA(PAFB)issynchronizedwithrespecttotheLOW-to-HIGHtransition
oftheWriteClockWCLKA(WCLKB).
ProgrammableAlmost–EmptyFlag(PAEA,PAEB)—PAEA(PAEB)will
go LOW when the read pointer is "n+1" locations less than the write pointer.
Theoffset"n"isdefinedintheEmptyOffsetRegisters. Ifnoreadsareperformed
after reset, PAEA (PAEB) will go HIGH after "n+1" writes to FIFO A (B).
IfthereisnoEmptyoffsetspecified,PAEA(PAEB)willgoLOWatEmpty+7
words.
PAEA(PAEB)issynchronizedwithrespecttotheLOW-to-HIGHtransition
of the Read Clock RCLKA (RCLKB).
Data Outputs (QA0 – QA8, QB0 – QB8 ) — QA0 - QA8 are the nine data
outputs for memory array A, QB0 - QB8are the nine data outputs for memory
array B.
NUMBER OF WORDS IN ARRAY A
FFA
PAFA
PAEA
EFA
NUMBER OF WORDS IN ARRAY B
FFB
PAFB
PAEB
EFB
IDT72V801
IDT72V811
IDT72V821
00
0
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1) to (256-(m+1))
(n+1) to (512-(m+1))
(n+1) to (1,024-(m+1))
HHHH
(256-m)(2) to 255
(512-m)(2) to 511
(1,024-m)(2) to 1,023
H
L
H
H
256
512
1,024
L
L
H
H
NOTES:
1. n = Empty Offset (n = 7 default value)
2. m = Full Offset (m = 7 default value)
NUMBER OF WORDS IN ARRAY A
FFA
PAFA
PAEA
EFA
NUMBER OF WORDS IN ARRAY B
FFB
PAFB
PAEB
EFB
IDT72V831
IDT72V841
IDT72V851
000
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1) to (2,048-(m+1))
(n+1) to (4,096-(m+1))
(n+1) to (8,192-(m+1))
HHHH
(2,048-m)(2) to 2,047
(4,096-m)(2) to 4,095
(8,192-m)(2) to 8,191
H
L
H
H
2,048
4,096
8,192
L
L
H
H
TABLE 1: STATUS FLAGS FOR A AND B FIFOS


Similar Part No. - IDT72V841

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V841 IDT-IDT72V841 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
logo
Renesas Technology Corp
IDT72V841 RENESAS-IDT72V841 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V841L10PF IDT-IDT72V841L10PF Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V841L10TF IDT-IDT72V841L10TF Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V841L15PF IDT-IDT72V841L15PF Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
More results

Similar Description - IDT72V841

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com