Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V3662L10PFG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72V3662L10PFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3662L10PFG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72V3662L10PFG Datasheet HTML 2Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 3Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 4Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 5Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 6Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 7Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 8Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 9Page - Integrated Device Technology 72V3662L10PFG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
FEBRUARY 4, 2009
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
InputVoltageRange
–0.5 to VCC+0.5
V
VO(2)
OutputVoltageRange
–0.5 to VCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
StorageTemperatureRange
–65 to 150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect
device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
Supply Voltage for 10ns
3.15
3.3
3.45
V
VCC
Supply Voltage for 15ns
3.0
3.3
3.6
V
VIH
High-Level Input Voltage
2
VCC+0.5
V
VIL
Low-Level Input Voltage
0.8
V
IOH
High-Level Output Current
–4
mA
IOL
Low-Level Output Current
8
mA
TA
OperatingTemperature
0
70
°C
RECOMMENDED OPERATING CONDITIONS
NOTES:
1. All typical values are at VCC = 3.3V, TA = 25
°C.
2. Commercial-10ns speed grade only: Vcc = 3.3V
± 0.15V, TA = 0° to +70°; JEDEC JESD8-A compliant.
3. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
4. Characterized values, not currently tested.
NOTE:
1. For 10ns speed grade: Vcc = 3.3V
± 0.15V, JEDEC JESD8-A compliant
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
FREE-AIR TEMPERATURE RANGE (Unless otherwise noted)
IDT72V3652
IDT72V3662
IDT72V3672
Commercial
tCLK = 10, 15 ns(2)
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VOH
Output Logic "1" Voltage
VCC = 3.0V,
IOH = –4 mA
2.4
V
VOL
Output Logic "0" Voltage
VCC = 3.0V,
IOL = 8 mA
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 3.6V,
VI = VCC or 0
±10
µ A
ILO
OutputLeakageCurrent
VCC = 3.6V,
VO = VCC or 0
±10
µ A
ICC2(3)
Standby Current (with CLKA & CLKB running)
VCC = 3.6V,
VI = VCC –0.2V or 0V
5
mA
ICC3(3)
Standby Current (no clocks running)
VCC = 3.6V,
VI = VCC –0.2V or 0V
1
mA
CIN(4)
InputCapacitance
VI = 0,
f = 1 MHz
4
pF
COUT(4)
OutputCapacitance
VO = 0,
f = 1 MHZ
8
pF


Similar Part No. - 72V3662L10PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3660 RENESAS-72V3660 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBG RENESAS-72V3660L10BBG Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBG8 RENESAS-72V3660L10BBG8 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBGI RENESAS-72V3660L10BBGI Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBGI8 RENESAS-72V3660L10BBGI8 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
More results

Similar Description - 72V3662L10PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com