Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXL4T245 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FXL4T245
Description  Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL4T245 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FXL4T245 Datasheet HTML 1Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 2Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 3Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 4Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 5Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 6Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 7Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 8Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 4: VCCI = the VCC associated with the data input under test.
Note 5: VCCO = the VCC associated with the output under test.
Note 6: Don’t Care
= Any valid logic level.
Note 7: Reflects current per supply, VCCA or VCCB.
Symbol
Parameter
Conditions
VCCA
VCCB
Min
Max
Units
(V)
(V)
VOH
High Level Output Voltage
IOH = −100 µA
1.1 - 3.6
1.1 - 3.6
VCC0 - 0.2
V
(Note 5)
IOH = −12 mA
2.7
2.7
2.2
IOH = −18 mA
3.0
3.0
2.4
IOH = −24 mA
3.0
3.0
2.2
IOH = −6 mA
2.3
2.3
2.0
IOH = −12 mA
2.3
2.3
1.8
IOH = −18 mA
2.3
2.3
1.7
IOH = −6 mA
1.65
1.65
1.25
IOH = −2 mA
1.4
1.4
1.05
IOH = −0.5 mA
1.1
1.1
0.75 x VCC0
VOL
Low Level Output Voltage
IOL = 100µA
1.1 - 3.6
1.1- 3.6
0.2
V
(Note 5)
IOL = 12 mA
2.7
2.7
0.4
IOL = 18 mA
3.0
3.0
0.4
IOL = 24 mA
3.0
3.0
0.55
IOL =12 mA
2.3
2.3
0.4
IOL = 18 mA
2.3
2.3
0.6
IOL = 6 mA
1.65
1.65
0.3
IOL = 2 mA
1.4
1.4
0.35
IOL = 0.5 mA
1.1
1.1
0.3 x VCC0
II
Input Leakage Current. Control Pins VI = VCCA or GND
1.1 - 3.6
3.6
±1.0
µA
IOFF
Power Off Leakage Current
An, VI or VO = 0V to 3.6V
0
3.6
±10.0
µA
Bn, VI or VO = 0V to 3.6V
3.6
0
±10.0
IOZ
3-STATE Output Leakage
An, Bn
OE
= V
IH
3.6
3.6
±10.0
µA
(Note 6)
0
≤ V
O ≤ 3.6V
Bn,
OE
= Don’t Care
0
3.6
+10.0
VI = VIH or VIL
An,
OE
= Don’t Care
3.6
0
+10.0
ICCA/B (Note 7) Quiescent Supply Current
VI = VCCI or GND; IO = 0
1.1 - 3.6
1.1 - 3.6
20.0
µA
ICCZ (Note 7)
Quiescent Supply Current
VI = VCCI or GND; IO = 0
1.1 - 3.6
1.1 - 3.6
20.0
µA
ICCA
Quiescent Supply Current
VI = VCCA or GND; IO = 0
0
1.1 - 3.6
−10.0
µA
VI = VCCA or GND; IO = 0
1.1 - 3.6
0
10.0
µA
ICCB
Quiescent Supply Current
VI = VCCB or GND; IO = 0
1.1 - 3.6
0
−10.0
µA
VI = VCCB or GND; IO = 0
0
1.1 - 3.6
10.0
µA
∆I
CCA/B
Increase in ICC per Input;
VIH = 3.0
3.6
3.6
500
µA
Other Inputs at VCC or GND


Similar Part No. - FXL4T245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL4T245 ONSEMI-FXL4T245 Datasheet
613Kb / 11P
   Low Voltage Dual Supply 4-Bit Signal Translator
Revised June 2004
FXL4T245BQX ONSEMI-FXL4T245BQX Datasheet
613Kb / 11P
   Low Voltage Dual Supply 4-Bit Signal Translator
Revised June 2004
More results

Similar Description - FXL4T245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com