Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V3641L15PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V3641L15PFG
Description  3.3 VOLT CMOS SyncFIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3641L15PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  72V3641L15PFG Datasheet HTML 1Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 2Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 3Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 4Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 5Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 6Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 7Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 8Page - Integrated Device Technology 72V3641L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V3631/72V3641
3.3V CMOS SYNCFIFO™ 512 x 36 and 1,024 x 36
TQFP (PNG120, order code: PF)
TOP VIEW
NOTE:
1. NC – No internal connection.
DESCRIPTION (CONTINUED)
PIN CONFIGURATION
B35
B34
B33
B32
GND
B31
B30
B29
B28
B27
B26
VCC
B25
B24
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
VCC
B15
B14
B13
B12
GND
A35
A34
A33
A32
VCC
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
GND
A22
VCC
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
VCC
A12
4658 drw 03
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
Communication between each port may take place with two 36-bit mailbox
registers. Eachmailboxregisterhasaflagtosignalwhennewmailhasbeen
stored. Twoormoredevicesmaybeusedinparalleltocreatewiderdatapaths.
Expansion is also possible in word depth.
These devices are a clocked FIFO, which means each port employs a
synchronousinterface. AlldatatransfersthroughaportaregatedtotheLOW-
to-HIGHtransitionofacontinuous(free-running)portclockbyenablesignals.
Thecontinuousclocksforeachportareindependentofoneanotherandcan
be asynchronous or coincident. The enables for each port are arranged to
provide a simple interface between microprocessors and/or buses with
synchronouscontrol.
TheInputReady(IR)flagandAlmost-Full(AF)flagoftheFIFOaretwo-stage
synchronizedtoCLKA. TheOutputReady(OR)flagandAlmost-Empty(AE)
flag of the FIFO are two-stage synchronized to CLKB. Offset values for the
Almost-FullandAlmost-EmptyflagsoftheFIFOcanbeprogrammedfromport
A or through a serial input.
The IDT72V3631/72V3641 are characterized for operation from 0
°C to
70
°C. These devices are fabricated using high speed, submicron CMOS
technology.


Similar Part No. - 72V3641L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3641L15PFG RENESAS-72V3641L15PFG Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
72V3641L15PFG8 RENESAS-72V3641L15PFG8 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
More results

Similar Description - 72V3641L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com