Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V3622L15PFG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72V3622L15PFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3622L15PFG Datasheet(HTML) 5 Page - Integrated Device Technology

  72V3622L15PFG Datasheet HTML 1Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 2Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 3Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 4Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 5Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 6Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 7Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 8Page - Integrated Device Technology 72V3622L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
COMMERCIAL TEMPERATURERANGE
IDT72V3622/72V3632/72V3642 CMOS 3.3V SyncBiFIFOTM
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Symbol
Name
I/O
Description
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a port A read or write operation. When the
Select
A0-A35 outputs are active, a HIGH level on MBA selects data from the mail2 register for output and a
LOWlevelselectsFIFO2outputregisterdataforoutput.
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a port B read or write operation. When the
Select
B0-B35 outputs are active, a HIGH level on MBB selects data from the mail1 register or output and a
LOWlevelselectsFIFO1outputregisterdataforoutput.
MBF1
Mail1Register
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register.
Flag
Writes to the mail1 register are inhibited while MBF1 is LOW. MBF1 is set HIGH by a LOW-to-HIGH
transition of CLKB when a port B read is selected and MBB is HIGH. MBF1 is set HIGH when FIFO1
isreset.
MBF2
Mail2Register
O
MBF2 is set LOW by a LOW-to-HIGH transition of CLKB that writes data to the mail2 register. Writes
Flag
to the mail2 register are inhibited while MBF2 is LOW. MBF2 is set HIGH by a LOW-to-HIGH
transition of CLKA when a port A read is selected and MBA is HIGH. MBF2 is also set HIGH when
FIFO2 is reset.
RST1
FIFO1Reset
I
ToresetFIFO1,fourLOW-to-HIGHtransitionsofCLKAandfourLOW-to-HIGHtransitionsofCLKBmust
occur while RST1 is LOW. The LOW-to-HIGH transition of RST1 latches the status of FS0 and FS1 for
AFA and AEB offset selection. FIFO1 must be reset upon power up before data is written to its RAM.
RST2
FIFO2Reset
I
ToresetFIFO2,fourLOW-to-HIGHtransitionsofCLKAandfourLOW-to-HIGHtransitionsofCLKBmust
occur while RST2 is LOW. The LOW-to-HIGH transition of RST2 latches the status of FS0 and FS1 for
AFB and AEA offset selection. FIFO2 must be reset upon power up before data is written to its RAM.
W/RA
PortAWrite/
I
A HIGH selects a write operation and a LOW selects a read operation on port A for a LOW-to-HIGH
ReadSelect
transition of CLKA. The A0-A35 outputs are in the HIGH impedance state when W/RA is HIGH.
W/RB
PortBWrite/
I
A LOW selects a write operation and a HIGH selects a read operation on port B for a LOW-to-HIGH
ReadSelect
transition of CLKB. The B0-B35 outputs are in the HIGH impedance state when W/RB is LOW.
PIN DESCRIPTIONS (CONTINUED)


Similar Part No. - 72V3622L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3622L15PFG RENESAS-72V3622L15PFG Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
72V3622L15PFG8 RENESAS-72V3622L15PFG8 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
More results

Similar Description - 72V3622L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com