Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V3672L10PQFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V3672L10PQFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3672L10PQFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V3672L10PQFG Datasheet HTML 3Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 4Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 5Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 6Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 7Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 8Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 9Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 10Page - Integrated Device Technology 72V3672L10PQFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
FEBRUARY 4, 2009
DETERMINING ACTIVE CURRENT CONSUMPTION AND POWER DISSIPATION
The ICC(f) current for the graph in Figure 1 was taken while simultaneously reading and writing a FIFO on the IDT72V3652/72V3662/72V3672 with
CLKA and CLKB set to fS. All data inputs and data outputs change state during each clock cycle to consume the highest supply current. Data outputs were
disconnected to normalize the graph to a zero capacitance load. Once the capacitance load per data-output channel and the number of these device's
inputs driven by TTL HIGH levels are known, the power dissipation can be calculated with the equation below.
CALCULATING POWER DISSIPATION
With ICC(f) taken from Figure 1, the maximum power dissipation (PT) of these FIFOs may be calculated by:
PT = VCC x ICC(f) +
Σ(CL x VCC2 X fo)
N
where:
N = number of outputs = 36
CL = outputcapacitanceload
fo = switching frequency of an output
Figure 1. Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS)
4660 drw03
A35
A34
A33
A32
VCC
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
FWFT
A22
VCC
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
VCC
A12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
B35
B34
B33
B32
GND
B31
B30
B29
B28
B27
B26
VCC
B25
B24
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
VCC
B15
B14
B13
B12
GND
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61


Similar Part No. - 72V3672L10PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V3672L10PFG IDT-72V3672L10PFG Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3672L10PFG RENESAS-72V3672L10PFG Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
72V3672L10PFG8 IDT-72V3672L10PFG8 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3672L10PFG8 RENESAS-72V3672L10PFG8 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
More results

Similar Description - 72V3672L10PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com