Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V3672L15PQFG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72V3672L15PQFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3672L15PQFG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72V3672L15PQFG Datasheet HTML 5Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 6Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 7Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 8Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 9Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 10Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 11Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 12Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
FEBRUARY 4, 2009
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30 pF
IDT72V3652L10(1)
IDT72V3652L15
IDT72V3662L10(1)
IDT72V3662L15
IDT72V3672L10(1)
IDT72V3672L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ toA0-A35andCLKB↑ toB0-B35
2
6.5
2
10
ns
tPIR
Propagation Delay Time, CLKA
↑ to FFA/IRA and CLKB↑ to
2
6.5
2
8
ns
FFB/IRB
tPOR
Propagation Delay Time, CLKA
↑ to EFA/ORA and CLKB↑ to
1
6.5
1
8
ns
EFB/ORB
tPAE
Propagation Delay Time, CLKA
↑ to AEA and CLKB↑ to AEB
1
6.5
1
8
ns
tPAF
Propagation Delay Time, CLKA
↑ to AFA and CLKB↑ to AFB
1
6.5
1
8
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1 LOW or
0
6.5
0
8
ns
MBF2 HIGH and CLKB
↑ to MBF2 LOW or MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(2) and
2
8
2
10
ns
CLKB
↑toA0-A35(3)
tMDV
Propagation Delay Time, MBA to A0-A35 valid and
2
6.5
2
10
ns
MBB to B0-B35 Valid
tPRF
Propagation Delay Time,
RST1 LOW to AEB LOW, AFA
110
1
15
ns
HIGH, and
MBF1 HIGH, and RST2 LOW to AEA LOW,
AFB HIGH, and MBF2 HIGH
tEN
Enable Time,
CSA and W/RA LOW to A0-A35 Active
2
6
2
10
ns
and
CSB LOW and W/RB HIGH to B0-B35 Active
tDIS
Disable Time,
CSA or W/RA HIGH to A0-A35 at high-impedance
1
6
1
8
ns
and
CSB HIGH or W/RB LOW to B0-B35 at high-impedance
NOTES:
1. For 10ns speed grade: Vcc = 3.3V
± 0.15V; TA = 0° to +70°.
2. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
3. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
(For 10ns speed grade only: Vcc = 3.3V ± 0.15V; TA = 0
°C to +70°C; JEDEC JESD8-A compliant)


Similar Part No. - 72V3672L15PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V3672L10PFG IDT-72V3672L10PFG Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3672L10PFG RENESAS-72V3672L10PFG Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
72V3672L10PFG8 IDT-72V3672L10PFG8 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3672L10PFG8 RENESAS-72V3672L10PFG8 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
More results

Similar Description - 72V3672L15PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com