Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V2103L7-5PFGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V2103L7-5PFGI8
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V2103L7-5PFGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V2103L7-5PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V2103L7-5PFGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
Symbol
Name
I/O
Description
PIN DESCRIPTION-CONTINUED (TQFP & BGA PACKAGES)
NOTES:
1. Inputs should not change state after Master Reset.
2. These pins are for the JTAG port. Please refer to pages 41-45 and Figures 31-33.
PIN DESCRIPTION (BGA PACKAGE ONLY)
Symbol
Name
I/O
Description
ASYR(1)
Asynchronous
I
A HIGH on this input during Master Reset will select Synchronous read operation for the output port. A LOW
Read Port
will select Asynchronous operation. If Asynchronous is selected the FIFO must operate in IDT Standard mode.
ASYW(1)
Asynchronous
I
A HIGH on this input during Master Reset will select Synchronous write operation for the input port. A LOW
WritePort
willselectAsynchronousoperation.
TCK(2)
JTAGClock
I
ClockinputforJTAGfunction.OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.Testoperationsofthe
devicearesynchronoustoTCK.DatafromTMSandTDIaresampledontherisingedgeofTCKandoutputschange
on the falling edge of TCK. If the JTAG function is not used this signal needs to be tied to GND.
TDI(2)
JTAGTestData
I
OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,testdata
Input
seriallyloadedviatheTDIontherisingedgeofTCKtoeithertheInstructionRegister,IDRegisterandBypassRegister.
Aninternalpull-upresistorforcesTDIHIGHifleftunconnected.
TDO(2)
JTAGTestData
O
OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,testdata
Output
seriallyloadedoutputviatheTDOonthefallingedgeofTCKfromeithertheInstructionRegister,IDRegisterandBypass
Register. This output is high impedance except when shifting, while in SHIFT-DR and SHIFT-IR controller states.
TMS(2)
JTAG Mode
I
TMSisaserialinputpin.OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.TMSdirectsthedevicethrough
itsTAPcontrollerstates.Aninternalpull-upresistorforcesTMSHIGHifleftunconnected.
TRST(2)
JTAGReset
I
TRST is an asynchronous reset pin for the JTAG controller. The JTAG TAP controller will automatically reset upon
power-up. If the JTAG function is not used then this signal should to be tied to GND.
RM(1)
RetransmitTiming
I
During Master Reset, a LOW on RM will select zero latency Retransmit timing Mode. A HIGH on RM will select
Mode
normallatencymode.
RT
Retransmit
I
RT asserted on the rising edge of RCLK initializes the READ pointer to zero, sets the EF flag to LOW (OR to HIGH
inFWFTmode)anddoesnotdisturbthewritepointer,programmingmethod,existingtimingmodeorprogrammable
flagsettings.RT isusefultorereaddatafromthefirstphysicallocationoftheFIFO.
SEN
SerialEnable
I
SENenablesserialloadingofprogrammableflagoffsets.
WCLK/
WriteClock/
I
If Synchronous operation of the write port has been selected, when enabled by WEN, the rising edge of WCLK
WR
WriteStrobe
writes data into the FIFO. If Asynchronous operation of the write port has been selected, WR writes data into the
FIFOonarisingedgeinanAsynchronousmanner,(WENshouldbetiedtoitsactivestate).Asynchronousoperation
of the WCLK/WR input is only available in the BGA package.
WEN
WriteEnable
I
WEN enables WCLK for writing data into the FIFO memory and offset registers.
VCC
+3.3V Supply
I
These are VCC supply inputs and must be connected to the 3.3V supply rail.
NOTE:
1. Inputs should not change state after Master Reset.


Similar Part No. - 72V2103L7-5PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V2103L7-5PFGI8 IDT-72V2103L7-5PFGI8 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
More results

Similar Description - 72V2103L7-5PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com