Electronic Components Datasheet Search |
|
72V281L20PFGI8 Datasheet(PDF) 6 Page - Integrated Device Technology |
|
72V281L20PFGI8 Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 26 page 6 COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES IDT72V281/72V291 3.3V CMOS SUPERSYNC FIFOTM 65,536 x 9 and 131,072 x 9 AC ELECTRICAL CHARACTERISTICS(1) (Commercial: VCC = 3.3V ± 0.3V, TA = 0oC to +70oC; Industrial: VCC = 3.3V ± 3.3V, TA = -40°C to +85°C) Commercial Com’l & Ind’l (2) Commercial IDT72V281L10 IDT72V281L15 IDT72V281L20 IDT72V291L10 IDT72V291L15 IDT72V291L20 Symbol Parameter Min. Max. Min. Max. Min. Max. Unit fS Clock Cycle Frequency — 100 — 66.7 — 50 MHz tA DataAccessTime 2 6.5 2 10 2 12 ns tCLK Clock Cycle Time 10 — 15 — 20 — ns tCLKH Clock High Time 4.5 — 6 — 8 — ns tCLKL Clock Low Time 4.5 — 6 — 8 — ns tDS DataSetupTime 3 — 4 — 5 — ns tDH DataHoldTime 0.5 — 1 — 1 — ns tENS EnableSetupTime 3 — 4 — 5 — ns tENH EnableHoldTime 0.5 — 1 — 1 — ns tLDS LoadSetupTime 3 — 4 — 5 — ns tLDH LoadHoldTime 0.5 — 1 — 1 — ns tRS ResetPulseWidth(3) 10 — 15 — 20 — ns tRSS ResetSetupTime 10 — 15 — 20 — ns tRSR Reset Recovery Time 10 — 15 — 20 — ns tRSF ResettoFlagandOutputTime — 10 — 15 — 20 ns tFWFT ModeSelectTime 0 — 0 — 0 — ns tRTS RetransmitSetupTime 3 — 4 — 5 — ns tOLZ Output Enable to Output in Low Z(4) 0— 0— 0 — ns tOE OutputEnabletoOutputValid 2 6 3 8 3 10 ns tOHZ Output Enable to Output in High Z(4) 26 383 10 ns tWFF Write Clock to FF or IR — 6.5 — 10 — 12 ns tREF Read Clock to EF or OR — 6.5 — 10 — 12 ns tPAF Write Clock to PAF — 6.5 — 10 — 12 ns tPAE Read Clock to PAE — 6.5 — 10 — 12 ns tHF Clock to HF —16 — 20 — 22 ns tSKEW1 Skew time between RCLK and WCLK 5 — 6 — 10 — ns forFF/IR tSKEW2 Skew time between RCLK and WCLK 12 — 15 — 20 — ns for PAE and PAF tSKEW3 Skew time between RCLK and WCLK 60 — 60 — 60 — ns for EF/OR NOTES: 1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode. 2. Industrial temperature range product for the 15ns speed grade is available as a standard device. 3. Pulse widths less than minimum values are not allowed. 4. Values guarenteed by design, not currently tested. Input Pulse Levels GND to 3.0V Input Rise/Fall Times 3ns Input Timing Reference Levels 1.5V Output Reference Levels 1.5V Output Load See Figure 2 AC TEST CONDITIONS Figure 2. Output Load * Includes jig and scope capacitances. 4513 drw 04 330 Ω 30pF* 510 Ω 3.3V D.U.T. |
Similar Part No. - 72V281L20PFGI8 |
|
Similar Description - 72V281L20PFGI8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |