Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V2101 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V2101
Description  3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V2101 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V2101 Datasheet HTML 5Page - Integrated Device Technology IDT72V2101 Datasheet HTML 6Page - Integrated Device Technology IDT72V2101 Datasheet HTML 7Page - Integrated Device Technology IDT72V2101 Datasheet HTML 8Page - Integrated Device Technology IDT72V2101 Datasheet HTML 9Page - Integrated Device Technology IDT72V2101 Datasheet HTML 10Page - Integrated Device Technology IDT72V2101 Datasheet HTML 11Page - Integrated Device Technology IDT72V2101 Datasheet HTML 12Page - Integrated Device Technology IDT72V2101 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2101/72V2111 3.3V HIGH DENSITY CMOS
SUPERSYNC FIFOTM 262,144 x 9, 524,288 x 9
Figure 3. Offset Register Location and Default Values
EMPTY OFFSET (LSB) REGISTER
87
0
IDT72V2101 (262,144 x 9
⎯BIT)
FULL OFFSET (LSB) REGISTER
8
7
0
FULL OFFSET (MID-BYTE) REGISTER
87
0
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
EMPTY OFFSET (MID-BYTE) REGISTER
87
0
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
EMPTY OFFSET (LSB) REGISTER
87
0
4669 drw 06
IDT72V2111 (524,288 x 9
⎯BIT)
FULL OFFSET (LSB) REGISTER
87
0
FULL OFFSET (MID-BYTE) REGISTER
8
7
0
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
EMPTY OFFSET (MID-BYTE) REGISTER
87
0
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
83
0
82 1
0
8
2
3
0
2
82 1
0
DEFAULT
0H
EMPTY OFFSET
(MSB) REGISTER
DEFAULT
0H
FULL OFFSET
(MSB) REGISTER
DEFAULT
0H
EMPTY OFFSET
(MSB) REGISTER
DEFAULT
0H
FULL OFFSET
(MSB) REGISTER


Similar Part No. - IDT72V2101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
Renesas Technology Corp
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
logo
Integrated Device Techn...
IDT72V210110PF IDT-IDT72V210110PF Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V210110PFI IDT-IDT72V210110PFI Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V210115PF IDT-IDT72V210115PF Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results

Similar Description - IDT72V2101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com