Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V281L15TFGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72V281L15TFGI8
Description  3.3 VOLT CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V281L15TFGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  72V281L15TFGI8 Datasheet HTML 1Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 2Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V281L15TFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
3.3 VOLT CMOS SuperSync FIFO™
65,536 x 9
131,072 x 9
IDT72V281
IDT72V291
1
OCTOBER 2014
©2014 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SuperSync FIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
DSC-4513/4
FEATURES:
••••• Choose among the following memory organizations:
IDT72V281
65,536 x 9
IDT72V291
131,072 x 9
••••• Pin-compatible with the IDT72V261/72V271 SuperSync FIFOs
••••• 10ns read/write cycle time (6.5ns access time)
••••• Fixed, low first word data latency time
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable
settings
••••• Retransmit operation with fixed, low first word data
latency time
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of two preselected offsets
••••• Program partial flags by either serial or parallel means
••••• Select IDT Standard timing (using EF
EF
EF
EF
EF and FF
FF
FF
FF
FF flags) or First Word
Fall Through timing (using OR
OR
OR
OR
OR and IR
IR
IR
IR
IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• Independent Read and Write clocks (permit reading and writing
simultaneously)
••••• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-pin
Slim Thin Quad Flat Pack (STQFP)
••••• High-performance submicron CMOS technology
••••• Industrial Temperature Range (-40°C to + 85°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
The IDT72V281/72V291 are exceptionally deep, high speed, CMOS
First-In-First-Out (FIFO) memories with clocked read and write controls.
These FIFOs offer numerous improvements over previous SuperSync
FIFOs,includingthefollowing:
••••• Thelimitationofthefrequencyofoneclockinputwithrespecttotheotherhas
been removed. The Frequency Select pin (FS) has been removed, thus
it is no longer necessary to select which of the two clock inputs, RCLK or
WCLK, is running at the higher frequency.
••••• The period required by the retransmit operation is now fixed and short.
••••• Thefirstworddatalatencyperiod,fromthetimethefirstwordiswrittentoan
emptyFIFOtothetimeitcanberead,isnowfixedandshort. (Thevariable
clock cycle counting delay associated with the latency period found on
previousSuperSyncdeviceshasbeeneliminatedonthisSuperSyncfamily.)
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
65,536 x 9
131,072 x 9
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN
WCLK
D0-D8
LD
MRS
REN
RCLK
OE
Q0-Q8
OFFSET REGISTER
PRS
FWFT/SI
SEN
RT
4513 drw 01


Similar Part No. - 72V281L15TFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
More results

Similar Description - 72V281L15TFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com