Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXL4T245BQX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FXL4T245BQX
Description  Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL4T245BQX Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FXL4T245BQX Datasheet HTML 1Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 2Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 3Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 4Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 5Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 6Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 7Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 8Page - Fairchild Semiconductor FXL4T245BQX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics V
CCA = 1.1V to 1.3V
Capacitance
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.8
13.0
1.0
7.0
1.2
8.0
1.3
9.5
2.0
24.0
ns
Propagation Delay B to A
1.4
22.0
1.4
22.0
1.5
22.0
1.5
22.0
2.0
24.0
tPZH, tPZL Output Enable OE to B
1.0
12.0
1.0
9.0
2.0
10.0
2.0
11.0
2.0
24.0
ns
Output Enable OE to A
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
tPHZ, tPLZ Output Disable OE to B
1.0
15.0
0.7
7.0
1.0
8.0
2.0
10.0
2.0
20.0
ns
Output Disable OE to A
2.0
15.0
2.0
12.0
2.0
12.0
2.0
12.0
2.0
12.0
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance Control Pins (OE, T/R)VCCA = VCCB = 3.3V, VI = 0V or VCCA/B
4.0
pF
CI/O
Input/Output Capacitance An, Bn Ports
VCCA = VCCB = 3.3V, VI = 0V or VCCA/B
5.0
pF
CPD
Power Dissipation Capacitance
VCCA = VCCB = 3.3V, VI = 0V or VCC, F = 10 MHz
20.0
pF


Similar Part No. - FXL4T245BQX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL4T245BQX ONSEMI-FXL4T245BQX Datasheet
613Kb / 11P
   Low Voltage Dual Supply 4-Bit Signal Translator
Revised June 2004
More results

Similar Description - FXL4T245BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com