Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V3642L15PFG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72V3642L15PFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3642L15PFG Datasheet(HTML) 1 Page - Integrated Device Technology

  72V3642L15PFG Datasheet HTML 1Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 2Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 3Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 4Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 5Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 6Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 7Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 8Page - Integrated Device Technology 72V3642L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
2015 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4660/9
©
FEBRUARY 2015
3.3 VOLT CMOS SyncBiFIFOTM
256 x 36 x 2
512 x 36 x 2
1,024 x 36 x 2
IDT72V3622
IDT72V3632
IDT72V3642
IDT and the IDT logo are registered trademark of Integrated Device Technology, Inc SyncBiFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
FEATURES:
••••• Memory storage capacity:
IDT72V3622 – 256 x 36 x 2
IDT72V3632 – 512 x 36 x 2
IDT72V3642 – 1,024 x 36 x 2
••••• Supports clock frequencies up to 100 MHz
••••• Fast access times of 6.5ns
••••• Free-running CLKA and CLKB may be asynchronous or coincident
(simultaneous reading and writing of data on a single clock edge
is permitted)
••••• Two independent clocked FIFOs buffering data in opposite direc-
tions
••••• Mailbox bypass register for each FIFO
••••• Programmable Almost-Full and Almost-Empty flags
••••• Microprocessor Interface Control Logic
••••• FFA/IRA, EFA/ORA, AEA, and AFA flags synchronized by CLKA
••••• FFB/IRB, EFB/ORB, AEB, and AFB flags synchronized by CLKB
••••• Select IDT Standard timing (using EFA, EFB, FFA and FFB flags
functions) or First Word Fall Through timing (using ORA, ORB, IRA
and IRB flag functions)
••••• Available space-saving 120-pin Thin Quad Flatpack (TQFP)
••••• Functionally compatible to the 5V operating IDT723622/723632/
723642
••••• Industrial temperature range (–40οοοοοC to +85οοοοοC) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72V3622/72V3632/72V3642arefunctionallycompatibleversions
of the IDT723622/723632/723642, designed to run off a 3.3V supply for
exceptionally low-power consumption. These devices are monolithic, high-
FUNCTIONAL BLOCK DIAGRAM
Mail 1
Register
Programmable Flag
Offset Registers
RAM
ARRAY
256 x 36
512 x 36
1,024 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
RAM
ARRAY
256 x 36
512 x 36
1,024 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
CLKA
CSA
W/
RA
ENA
MBA
Port-A
Control
Logic
FIFO1,
Mail1
Reset
Logic
RST1
Mail 2
Register
MBF2
CLKB
CSB
W/RB
ENB
MBB
Port-B
Control
Logic
FIFO2,
Mail2
Reset
Logic
RST2
MBF1
FIFO 1
FIFO 2
10
EFB/ORB
AEB
36
36
FFB/IRB
AFB
B0 - B35
FFA/IRA
AFA
FS0
FS1
A0 - A35
EFA/ORA
AEA
4660 drw 01
36
36
Timing
Mode
FWFT


Similar Part No. - 72V3642L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3642L15PFG RENESAS-72V3642L15PFG Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
72V3642L15PFG8 RENESAS-72V3642L15PFG8 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
More results

Similar Description - 72V3642L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com