Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V2101L10PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V2101L10PFGI
Description  3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V2101L10PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  72V2101L10PFGI Datasheet HTML 1Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 2Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 3Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 4Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 5Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 6Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 7Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 8Page - Integrated Device Technology 72V2101L10PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2101/72V2111 3.3V HIGH DENSITY CMOS
SUPERSYNC FIFOTM 262,144 x 9, 524,288 x 9
Figure 1. Block Diagram of Single 262,144 x 9 and 524,288 x 9 Synchronous FIFO
PAEandPAFcanbeprogrammedindependentlytoswitchatanypointin
memory. (SeeTableIandTableII.) Programmableoffsetsdeterminetheflag
switchingthresholdandcanbeloadedbytwomethods:parallelorserial. Two
defaultoffsetsettingsarealsoprovided,sothatPAEcanbesettoswitchat127
or1,023locationsfromtheemptyboundaryandthePAFthresholdcanbeset
at127or1,023locationsfromthefullboundary. Thesechoicesaremadewith
the LD pin during Master Reset.
For serial programming, SEN together with LD on each rising edge of
WCLK, are used to load the offset registers via the Serial Input (SI). For
parallel programming, WEN together with LD on each rising edge of WCLK,
are used to load the offset registers via Dn. REN together with LD on each
rising edge of RCLK can be used to read the offsets in parallel from Qn
regardless of whether serial or parallel offset loading has been selected.
DuringMasterReset(MRS)thefollowingeventsoccur:Thereadandwrite
pointers are set to the first location of the FIFO. The FWFT pin selects IDT
StandardmodeorFWFTmode. TheLDpinselectseitherapartialflagdefault
settingof127withparallelprogrammingorapartialflagdefaultsettingof1,023
withserialprogramming. Theflagsareupdatedaccordingtothetimingmode
anddefaultoffsetsselected.
The Partial Reset (PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, partial flag program-
ming method, and default or programmed offset settings existing before
Partial Reset remain unchanged. The flags are updated according to the
timing mode and offsets in effect. PRS is useful for resetting a device in mid-
operation, when reprogramming partial flags would be undesirable.
The Retransmit function allows data to be reread from the FIFO. A LOW
on the RT input during a rising RCLK edge initiates a retransmit operation
by setting the read pointer to the first location of the memory array.
If, at any time, the FIFO is not actively performing an operation, the chip will
automatically power down. Once in the power down state, the standby supply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
The IDT72V2101/72V2111 are fabricated using IDT’s high speed submi-
cron CMOS technology.
DATA OUT (Q0 - Qn)
DATA IN (D0 - Dn)
MASTER RESET (
MRS)
READ CLOCK (RCLK)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK)
WRITE ENABLE (
WEN)
LOAD (
LD)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72V2101
72V2111
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH/SERIAL INPUT
(FWFT/SI)
RETRANSMIT (
RT)
4669 drw 03
HALF FULL FLAG (
HF)
SERIAL ENABLE(
SEN)


Similar Part No. - 72V2101L10PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V2101L10PFGI RENESAS-72V2101L10PFGI Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
72V2101L10PFGI8 RENESAS-72V2101L10PFGI8 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
More results

Similar Description - 72V2101L10PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com