Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V281L20TFG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V281L20TFG8
Description  3.3 VOLT CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V281L20TFG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  72V281L20TFG8 Datasheet HTML 1Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 2Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 3Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 4Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 5Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 6Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 7Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 8Page - Integrated Device Technology 72V281L20TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V281/72V291 3.3V CMOS SUPERSYNC FIFOTM
65,536 x 9 and 131,072 x 9
PIN CONFIGURATIONS
TQFP (PN64, order code: PF)
STQFP (PP64, order code: TF)
TOP VIEW
DESCRIPTION (Continued)
NOTES:
1. DC = Don’t Care. Must be tied to GND or VCC, cannot be left open.
2. This pin may either be tied to ground or left open.
3. DNC = Do Not Connect.
PIN 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
WEN
SEN
DC
(1)
VCC
VCC
GND
(2)
GND
(2)
GND
(2)
GND
(2)
GND
(2)
GND
(2)
GND
(2)
GND
(2)
GND
(2)
D8
D7
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
DNC
(3)
DNC
(3)
GND
DNC
(3)
DNC
(3)
VCC
DNC
(3)
DNC
(3)
DNC
(3)
GND
DNC
(3)
DNC
(3)
Q8
Q7
Q6
GND
4513 drw 02
SuperSyncFIFOsareparticularlyappropriatefornetwork,video,telecommu-
nications,datacommunicationsandotherapplicationsthatneedtobufferlarge
amountsofdata.
The input port is controlled by a Write Clock (WCLK) input and a Write
Enable (WEN) input. Data is written into the FIFO on every rising edge of
WCLK when WEN is asserted. The output port is controlled by a Read
Clock (RCLK) input and Read Enable (REN) input. Data is read from the
FIFO on every rising edge of RCLK when REN is asserted. An Output
Enable (OE) input is provided for three-state control of the outputs.
ThefrequenciesofboththeRCLKandtheWCLKsignalsmayvaryfrom0
tofMAXwithcompleteindependence. Therearenorestrictionsonthefrequency
of the one clock input with respect to the other.
There are two possible timing modes of operation with these devices:
IDT Standard mode and First Word Fall Through (FWFT) mode.
In IDT Standard mode, the first word written to an empty FIFO will not
appear on the data output lines unless a specific read operation is
performed. A read operation, which consists of activating REN and
enabling a rising RCLK edge, will shift the word from internal memory to the
dataoutputlines.


Similar Part No. - 72V281L20TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
More results

Similar Description - 72V281L20TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com