Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72T7285L6-7BBGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 72T7285L6-7BBGI
Description  2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T7285L6-7BBGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 72T7285L6-7BBGI Datasheet HTML 7Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 8Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 9Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 10Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 11Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 12Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 13Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 14Page - Integrated Device Technology 72T7285L6-7BBGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
11
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T7285/72T7295/72T72105/72T72115 2.5V TeraSync
™ 72-BIT FIFO
16,384 x 72, 32,768 x 72, 65,536 x 72, 131,072 x 72
AC ELECTRICAL CHARACTERISTICS — ASYNCHRONOUS TIMING
(Commercial: VCC = 2.5V
± 5%, TA = 0°C to +70°C;Industrial: VCC = 2.5V ± 5%, TA = -40°C to +85°C)
Commercial
Com’l & Ind’l
Commercial
IDT72T7285L4-4
IDT72T7285L5
IDT72T7285L6-7
IDT72T7285L10
IDT72T7295L4-4
IDT72T7295L5
IDT72T7295L6-7
IDT72T7295L10
IDT72T72105L4-4
IDT72T72105L5
IDT72T72105L6-7
IDT72T72105L10
IDT72T72115L4-4
IDT72T72115L5
IDT72T72115L6-7
IDT72T72115L10
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fA
Cycle Frequency (Asynchronous)
100
83
66
50
MHz
tAA
Data Access Time
0.6
8
0.6
10
0.6
12
0.6
14
ns
tCYC
Cycle Time
10
12
15
20
ns
tCYH
Cycle HIGH Time
4.5
5
7
8
ns
tCYL
Cycle LOW Time
4.5
5
7
8
ns
tRPE
Read Pulse after
EF HIGH
8
10
12
14
ns
tFFA
Clock to Asynchronous
FF
8
10—
12
14ns
tEFA
Clock to Asynchronous
EF
8
10—
12
14ns
tPAFA
Clock to Asynchronous Programmable Almost-Full Flag
8
10
12
14
ns
tPAEA
Clock to Asynchronous Programmable Almost-Empty Flag
8
10
12
14
ns
tOLZ
Output Enable to Output in Low Z(1)
0—
0—
0
0
ns
tOE
Output Enable to Output Valid
3.4
3.6
3.8
4.5
ns
tOHZ
Output Enable to Output in High Z(1)
3.4
3.6
3.8
4.5
ns
tHF
Clock to
HF
8
10—
12
14ns
NOTES:
1. Values guaranteed by design, not currently tested.
2. Industrial temperature range product for the 5ns speed grade is available as a standard device. All other speed grades are available by special order.


Similar Part No. - 72T7285L6-7BBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72T7285L6-7BB RENESAS-72T7285L6-7BB Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
More results

Similar Description - 72T7285L6-7BBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com