Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V2103L6BCG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V2103L6BCG8
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V2103L6BCG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  72V2103L6BCG8 Datasheet HTML 1Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 2Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 3Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 4Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 5Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 6Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 7Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 8Page - Integrated Device Technology 72V2103L6BCG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
not have to be asserted for accessing the first word. However, subsequent
words written to the FIFO do require a LOW on REN for access. The state of
theFWFT/SIinputduringMasterResetdeterminesthetimingmodeinuse.
For applications requiring more data storage capacity than a single FIFO
canprovide,theFWFTtimingmodepermitsdepthexpansionbychainingFIFOs
inseries(i.e.thedataoutputsofoneFIFOareconnectedtothecorresponding
data inputs of the next). No external logic is required.
These FIFOs have five flag pins, EF/OR (Empty Flag or Output Ready),
FF/IR (Full Flag or Input Ready), HF (Half-full Flag), PAE (Programmable
Almost-Emptyflag)andPAF(ProgrammableAlmost-Fullflag).TheEFandFF
functions are selected in IDT Standard mode. The IR and OR functions are
selected in FWFT mode. HF, PAE and PAF are always available for use,
irrespectiveoftimingmode.
PAE and PAFcanbeprogrammedindependentlytoswitchatanypointin
memory.Programmableoffsetsdeterminetheflagswitchingthresholdandcan
beloadedbytwomethods:parallelorserial.Eightdefaultoffsetsettingsarealso
provided,sothatPAEcanbesettoswitchatapredefinednumberoflocations
from the empty boundary and the PAF threshold can also be set at similar
predefinedvaluesfromthefullboundary.Thedefaultoffsetvaluesaresetduring
Master Reset by the state of the FSEL0, FSEL1, and LD pins.
Forserialprogramming,SENtogetherwithLDoneachrisingedgeofWCLK,
are used to load the offset registers via the Serial Input (SI). For parallel
programming,WENtogetherwithLD oneachrisingedgeofWCLK,areused
to load the offset registers via Dn. REN together with LD on each rising edge
ofRCLKcanbeusedtoreadtheoffsetsinparallelfromQnregardlessofwhether
serialorparalleloffsetloadinghasbeenselected.
DuringMasterReset(MRS)thefollowingeventsoccur:thereadandwrite
pointers are set to the first location of the FIFO. The FWFT pin selects IDT
Standard mode or FWFT mode.
The Partial Reset (PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, programmable flag
programmingmethod,anddefaultorprogrammedoffsetsettingsexistingbefore
PartialResetremainunchanged.Theflagsareupdatedaccordingtothetiming
modeandoffsetsineffect.PRSisusefulforresettingadeviceinmid-operation,
whenreprogrammingprogrammableflagswouldbeundesirable.
ItisalsopossibletoselectthetimingmodeofthePAE(ProgrammableAlmost-
Empty flag) and PAF (Programmable Almost-Full flag) outputs. The timing
modescanbesettobeeitherasynchronousorsynchronousforthePAEand
PAFflags.
If asynchronous PAE/PAF configuration is selected, the PAE is asserted
LOWontheLOW-to-HIGHtransitionofRCLK.PAEisresettoHIGHontheLOW-
DESCRIPTION (CONTINUED)
(x9 or x18) DATA OUT (Q0 - Qn)
(x9 or x18) DATA IN (D0 - Dn)
MASTER RESET (
MRS)
READ CLOCK (RCLK/RD*)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK/WR*)
WRITE ENABLE (
WEN)
LOAD (
LD)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72V2103
72V2113
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH/SERIAL
INPUT (FWFT/SI)
RETRANSMIT (
RT)
6119 drw03
HALF-FULL FLAG (
HF)
SERIAL ENABLE(
SEN)
INPUT WIDTH
(IW)
OUTPUT WIDTH
(OW)
BIG-ENDIAN/LITTLE-ENDIAN (
BE)
INTERSPERSED/
NON-INTERSPERSED PARITY (IP)
Figure 1. Single Device Configuration Signal Flow Diagram


Similar Part No. - 72V2103L6BCG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V2103L6BCG8 IDT-72V2103L6BCG8 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
72V2103L6BCG8 RENESAS-72V2103L6BCG8 Datasheet
496Kb / 47P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
More results

Similar Description - 72V2103L6BCG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com