Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V36100L10PFGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72V36100L10PFGI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V36100L10PFGI Datasheet(HTML) 5 Page - Integrated Device Technology

  72V36100L10PFGI Datasheet HTML 1Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 2Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 3Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 4Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 5Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 6Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 7Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 8Page - Integrated Device Technology 72V36100L10PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V36100/72V36110 3.3V HIGH DENSITY SUPERSYNC IITM 36-BIT FIFO
65,536 x 36 and 131,072 x 36
BM
IW
OW
Write Port Width
Read Port Width
L
L
L
x36
x36
H
L
L
x36
x18
H
L
H
x36
x9
H
H
L
x18
x36
H
H
H
x9
x36
TABLE 1 — BUS-MATCHING CONFIGURATION MODES
IfasynchronousPAE/PAFconfigurationisselected, the PAE isasserted
LOWontheLOW-to-HIGHtransitionofRCLK.PAEisresettoHIGHontheLOW-
to-HIGHtransitionofWCLK.Similarly,thePAFisassertedLOWontheLOW-
to-HIGH transition of WCLK and PAF is reset to HIGH on the LOW-to-HIGH
transitionofRCLK.
IfsynchronousPAE/PAFconfigurationisselected,thePAEisassertedand
updated on the rising edge of RCLK only and not WCLK. Similarly, PAF is
assertedandupdatedontherisingedgeofWCLKonlyandnotRCLK.Themode
desiredisconfiguredduringMasterResetbythestateoftheProgrammableFlag
Mode (PFM) pin.
TheRetransmitfunctionallowsdatatoberereadfromtheFIFOmorethan
once. ALOWontheRTinputduringarisingRCLKedgeinitiatesaretransmit
operation by setting the read pointer to the first location of the memory array.
Azero-latencyretransmittimingmodecanbeselectedusingtheRetransmit
timing Mode pin (RM). During Master Reset, a LOW on RM will select zero
latency retransmit. A HIGH on RM during Master Reset will select normal
latency.
If zero latency retransmit operation is selected, the first data word to be
retransmittedwillbeplacedontheoutputregisterwithrespecttothesameRCLK
edgethatinitiatedtheretransmitbasedonRTbeingLOW.
RefertoFigure11and12forRetransmitTimingwithnormallatency. Refer
to Figure 13 and 14 for Zero Latency Retransmit Timing.
Thedevicecanbeconfiguredwithdifferentinputandoutputbuswidthsas
shown in Table 1.
A Big-Endian/Little-Endian data word format is provided. This function is
usefulwhendataiswrittenintotheFIFOinlongwordformat(x36/x18)andread
outoftheFIFOinsmallword(x18/x9)format.IfBig-Endianmodeisselected,
thenthemostsignificantbyte(word)ofthelongwordwrittenintotheFIFOwill
bereadoutoftheFIFOfirst,followedbytheleastsignificantbyte.IfLittle-Endian
formatisselected,thentheleastsignificantbyteofthelongwordwrittenintothe
FIFOwillbereadoutfirst,followedbythemostsignificantbyte.Themodedesired
isconfiguredduringmasterresetbythestateoftheBig-Endian(BE)pin.See
Figure 4 for Bus-Matching Byte Arrangement.
TheInterspersed/Non-InterspersedParity(IP)bitfunctionallowstheuser
to select the parity bit in the word loaded into the parallel port (D0-Dn) when
programmingtheflagoffsets.IfInterspersedParitymodeisselected,thenthe
FIFOwillassumethattheparitybitislocatedinbitpositionsD8,D17,D26and
D35 during the parallel programming of the flag offsets. If Non-Interspersed
Parity mode is selected, then D8, D17 and D26 are assumed to be valid bits
and D32, D33, D34 and D35 are ignored. IP mode is selected during Master
Reset by the state of the IP input pin. Interspersed Parity control only has an
effectduringparallelprogrammingoftheoffsetregisters.Itdoesnoteffectthedata
written to and read from the FIFO.
A JTAG test port is provided, here the FIFO has fully functional Boundary
Scan feature, compliant with IEEE 1149.1 Standard Test Access Port and
BoundaryScanArchitecture.
If,atanytime,theFIFOisnotactivelyperforminganoperation,thechipwill
automaticallypowerdown.Onceinthepowerdownstate,thestandbysupply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol
inputs)willimmediatelytakethedeviceoutofthepowerdownstate.
TheIDT72V36100/72V36110arefabricatedusinghighspeedsubmicron
CMOStechnology.
NOTE:
1. Pin status during Master Reset.


Similar Part No. - 72V36100L10PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36100L6BCY RENESAS-72V36100L6BCY Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6BCY8 RENESAS-72V36100L6BCY8 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6PFG RENESAS-72V36100L6PFG Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6PFG8 RENESAS-72V36100L6PFG8 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L7-5PFGI RENESAS-72V36100L7-5PFGI Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
More results

Similar Description - 72V36100L10PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com