Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V275L10PFG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V275L10PFG
Description  3.3 VOLT CMOS SuperSync FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V275L10PFG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V275L10PFG Datasheet HTML 4Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 5Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 6Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 7Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 8Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 9Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 10Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 11Page - Integrated Device Technology 72V275L10PFG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V275/72V285 3.3V CMOS SUPERSYNC FIFOTM
32,768 x 18 and 65,536 x 18
Number of
Words in
FIFO
0
1 to n (1)
(n+1) to 16,384
16,385 to (32,768-(m+1))
(32,768-m) (2) to 32,767
32,768
0
1 to n (1)
(n+1) to 32,768
32,769 to (65,536-(m+1))
(65,536-m) (2) to 65,535
65,536
TABLE 2. STATUS FLAGS FOR FWFT MODE
72V275
72V285
FF PAF HF PAE EF
HH
HL
L
HH
HL
H
HH
H
H
H
HH
L
H
H
HL
L
H
H
LL
LH
H
TABLE 1. STATUS FLAGS FOR IDT STANDARD MODE
4512 drw 05
0
1 to n+1(1)
(n+2) to 16,385
(32,769-m)
(2)
to 32,768
32,769
0
1 to n+1(1)
(n+2) to 32,769
32,770 to (65,537-(m+1))
(65,537-m)
(2)
to 65,536
65,537
IR PAF HF PAE OR
LH
H
L
H
LH
H
L
L
L
H
HHL
LH
L
H
L
LLL
H
L
HL
L
H
L
72V275
72V285
Number of
Words in
FIFO
16,386 to (32,769-(m+1))
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
Figure 4, Programmable Flag Offset Programming Sequence, summa-
rizes the control pins and sequence for both serial and parallel programming
modes. For a more detailed description, see discussion that follows.
Theoffsetregistersmaybeprogrammed(andreprogrammed)anytimeafter
MasterReset,regardlessofwhetherserialorparallelprogramminghasbeen
selected.


Similar Part No. - 72V275L10PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
More results

Similar Description - 72V275L10PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com