Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V30S35TFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 71V30S35TFG8
Description  HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V30S35TFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  71V30S35TFG8 Datasheet HTML 1Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 2Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 3Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 4Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 5Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 6Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 7Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 8Page - Integrated Device Technology 71V30S35TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
6.42
IDT71V30S/L
High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
3
Absolute Maximum Ratings(1)
DC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range (VCC = 3.3V ± 0.3V)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. VTERM must not exceed Vcc + 0.3V for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 0.3V.
3. This is the absolute maximum junction temperature for the device. No DC Bias.
NOTE:
1. At Vcc < 2.0V input leakages are undefined.
Supply CurrentVIN > VCC -0.2V or < 0.2V
Capacitance(1) (TA = +25OC, f=1.0MHz)
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dv references the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
Symbol
Rating
Com'l & Ind
Unit
VTERM(2)
Terminal Voltage
with Respect to GND
-0.5 to +4.60
V
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
TJN(3)
Junction Temperature
+150
o
C
IOUT
DC Output
Current
50
mA
3741 tbl 01
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10
pF
3741 tbl 04
Symbol
Parameter
Test Conditions
71V30S
71V30L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage
Current(1)
VCC = 3.6V,
VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage
Current
CE
= VIH,
VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
(I/O0-I/O7)
IOL = 4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
3741 tbl 05
Recommended
DC Operating Conditions
Maximum Operating
Temperature and Supply Voltage(1,2)
NOTE:
1. VIL (min.) = -1.5V for pulse width less than 20ns.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
2. Industrial temperature: for specific speeds, packages and powers,
contact your sales office.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VCC+0.3V
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
3741 tbl 02
Grade
Ambient
Temperature
GND
Vcc
Commercial
0OC to +70OC0V
3.3V
+ 0.3
Industrial
-40OC to +85OC0V
3.3V
+ 0.3
3741 tbl 03


Similar Part No. - 71V30S35TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V30S35TFG8 IDT-71V30S35TFG8 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results

Similar Description - 71V30S35TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com