Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72T72105L4-4BBGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72T72105L4-4BBGI
Description  2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T72105L4-4BBGI Datasheet(HTML) 2 Page - Integrated Device Technology

  72T72105L4-4BBGI Datasheet HTML 1Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 2Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 3Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 4Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 5Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 6Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 7Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 8Page - Integrated Device Technology 72T72105L4-4BBGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T7285/72T7295/72T72105/72T72115 2.5V TeraSync
™ 72-BIT FIFO
16,384 x 72, 32,768 x 72, 65,536 x 72, 131,072 x 72
PIN CONFIGURATION
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
D21
D19
D20
D13
GND
TDO
VCC
D4
TMS
VCC
D5
D10
D23
D22
D1
Q24
Q14
GND
Q0
Q2
Q11
Q8
Q3
VDDQ
VCC
VCC
VCC
GND
VDDQ
VDDQ
VDDQ
VDDQ
VCC
D60
D57
D59
D51
D48
D45
D24
D64
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
D69
REN
GND
PAF
EREN
Q64
OE
RCLK
D63
D66
D39
Q69
Q66
Q65
Q52
Q49
Q46
12
34
56
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
MRS
D67
D38
D35
D32
D29
D26
FF
EF
D44
D41
D36
D33
D30
D27
D56
D53
D50
D47
SEN
D43
D37
D40
D34
D31
D28
D25
Q27
Q43
Q40
Q39
Q36
Q33
Q30
RCS
Q67
Q70
D52
D49
D46
SCLK
D42
D58
D62
D70
WCS
D65
D71
D68
PAE
LD
HF
GND
Q68
MARK
Q71
RT
SHSTL
FWFT/SI
FS0
OW
IP
FS1
BE
GND
PFM
BM
ASYR
RHSTL
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
WHSTL
ASYW
VREF
IW
VCC
VCC
VCC
VCC
D61
Q58
Q55
D54
WEN
GND
WCLK
PRS
D55
5994 drw02
U
V
D18
VCC
D16
D15
TDI
TCK
TRST
D6
D0
D2
D9
D12
D14
D17
D3
Q15
Q16
GND
ERCLK
Q4
Q13
Q10
Q7
Q5
D11
D8
D7
GND
Q6
Q1
Q9
Q12
17
18
Q22
Q20
Q21
Q23
VDDQ
Q63
Q62
Q54
Q51
Q48
Q25
Q45
Q42
Q37
Q34
Q31
Q28
Q61
Q59
Q56
Q41
Q38
Q35
Q32
Q29
Q26
Q53
Q50
Q47
Q44
Q60
Q57
Q19
VDDQ
Q17
Q18
VCC
VCC
VCC
VDDQ
VCC
GND
GND
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VDDQ
VCC
GND
GND
VDDQ
VDDQ
VDDQ
GND
VCC
VCC
GND
GND
GND
GND
GND
VDDQ
VDDQ
GND
GND
GND
VCC
VCC
GND
VCC
VCC
GND
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
GND
GND
GND
VDDQ
GND
VCC
VCC
VDDQ
VCC
VCC
GND
VDDQ
VDDQ
VDDQ
GND
VCC
VCC
GND
VCC
VCC
GND
VCC
VCC
GND
VCC
VCC
GND
VDDQ
VDDQ
GND
VDDQ
VDDQ
GND
VDDQ
VDDQ
GND
VDDQ
VDDQ
PBGA: 1mm pitch, 19mm x 19mm (BB324-1, order code: BB)
TOP VIEW


Similar Part No. - 72T72105L4-4BBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72T72105L4-4BBG RENESAS-72T72105L4-4BBG Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
More results

Similar Description - 72T72105L4-4BBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com