Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7014S15PFGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 7014S15PFGI
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7014S15PFGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 7014S15PFGI Datasheet HTML 2Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 3Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 4Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 5Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 6Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 7Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 8Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 9Page - Integrated Device Technology 7014S15PFGI Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IDT7014S
High-Speed 4K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
Truth Table I – Read/Write Control
Timing Waveform of Write Cycle(1,2,3,4,5)
Functional Description
The IDT7014 provides two ports with separate control, address,
and I/O pins that permit independent access for reads or writes to
any location in memory. It lacks the chip enable feature of CMOS Dual
Ports,thusitoperatesinactivemodeassoonaspowerisapplied.Each
porthasitsownOutputEnablecontrol(OE).Inthereadmode,theport’s
OEturnsontheoutputdriverswhensetLOW. Theuserapplicationshould
avoidsimultaneouswriteoperationstothesamememorylocation.There
isnoon-chiparbitrationcircuitrytoresolvewritepriorityandpartialdata
frombothportsmaybewritten.READ/WRITEconditionsareillustrated
in Table 1.
NOTE:
1. AOL - A11L is not equal to AOR - A11R.
'H' = HIGH,'L' = LOW, 'X' = Don’t Care, and 'Z' = HIGH Impedance.
2528 drw 10
R/
W
tWP
tDW
DATAOUT
ADDRESS
DATAIN
OE
tAW
tAS
(5)
tWR
tDH
tOW
tHZ
(4)
(3)
(3)
tWZ (4)
Left or Right Port(1)
R/
WOE
D0-8
Function
LXDATAIN
Data written into memory
HL
DATAOUT
Data in memory output on port
X
H
Z
High-impedance outputs
2528 tbl 10
NOTES:
1. R/W must be HIGH during all address transitions.
2. tWR is measured from R/W going HIGH to the end of write cycle.
3. During this period, the I/O pins are in the output state, and input signals must not be applied.
4. Transition is measured 0mV from the Low or High-impedance voltage with the Output Test Load (Figure 2).
5. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be
placed on the bus for the required tDW. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as
the specified tWP.


Similar Part No. - 7014S15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7014S15PFGI IDT-7014S15PFGI Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
7014S15PFGI8 IDT-7014S15PFGI8 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - 7014S15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com