Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V265LA10TFG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V265LA10TFG
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V265LA10TFG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V265LA10TFG Datasheet HTML 4Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 5Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 6Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 7Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 8Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 9Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 10Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 11Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
IDT72V255LA/72V265LA 3.3 VOLT CMOS SuperSync FIFO™
8,192 x 18, 16,384 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
PROGRAMMING FLAG OFFSETS
Full and Empty Flag offset values are user programmable. The
IDT72V255LA/72V265LA has internal registers for these offsets. Default
settings are stated in the footnotes of Table 1 and Table 2. Offset values can
be programmed into the FIFO in one of two ways; serial or parallel loading
method. The selection of the loading method is done using the LD (Load)
pin. During Master Reset, the state of the LD input determines whether
serial or parallel flag offset programming is enabled. A HIGH on LD during
Master Reset selects serial loading of offset values and in addition, sets a
default PAE offset value of 3FFH (a threshold 1,023 words from the empty
boundary), and a default PAF offset value of 3FFH (a threshold 1,023
words from the full boundary). A LOW on LD during Master Reset selects
parallel loading of offset values, and in addition, sets a default PAE offset
72V255LA
72V265LA
FF PAF HF PAE EF
00
H
H
H
L
L
1 to n (1)
1 to n (1)
HH
H
L
H
(n + 1) to 4,096
(n + 1) to 8,192
H
H
H
H
H
4,097 to (8,192–(m+1))
8,193 to (16,384–(m+1))
HH
L
H
H
(8,192–m)(2) to 8,191
(16,384–m) (2) to 16,383
H
L
L
H
H
8,192
16,384
L
L
L
H
H
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
TABLE 1 — STATUS FLAGS FOR IDT STANDARD MODE
Number of
Words in
FIFO
72V255LA
72V265LA
FF PAF HF PAE EF
00
L
H
H
L
H
1 to n+1 (1)
1 to n+1 (1)
LH
H
L
L
(n + 2) to 4,097
(n + 2) to 8,193
L
H
H
H
L
4,098 to (8,193–(m+1))(2)
8,194 to (16,385–(m+1)) (2)
LH
L
H
L
(8,193–m) to 8,192
(16,385–m) (2) to 16,384
L
L
L
H
L
8,193
16,385
H
L
L
H
L
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
TABLE 2 — STATUS FLAGS FOR FWFT MODE
Number of
Words in
FIFO (1)
4672 drw 05
value of 07FH (a threshold 127 words from the empty boundary), and a
default PAF offset value of 07FH (a threshold 127 words from the full
boundary). See Figure 3, Offset Register Location and Default Values.
In addition to loading offset values into the FIFO, it also possible to read
the current offset values. It is only possible to read offset values via parallel
read.
Figure 4, Programmable Flag Offset Programming Sequence, summa-
rizes the control pins and sequence for both serial and parallel program-
ming modes. For a more detailed description, see discussion that follows.
The offset registers may be programmed (and reprogrammed) any time
after Master Reset, regardless of whether serial or parallel programming
has been selected.


Similar Part No. - 72V265LA10TFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
72V261LA10PFG IDT-72V261LA10PFG Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFG8 IDT-72V261LA10PFG8 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI IDT-72V261LA10PFGI Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI8 IDT-72V261LA10PFGI8 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - 72V265LA10TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com