Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V265LA10TFG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72V265LA10TFG
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V265LA10TFG Datasheet(HTML) 1 Page - Integrated Device Technology

  72V265LA10TFG Datasheet HTML 1Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 2Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 3Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 4Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 5Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 6Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 7Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 8Page - Integrated Device Technology 72V265LA10TFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEATURES:
••••• Choose among the following memory organizations:
IDT72V255LA
8,192 x 18
IDT72V265LA
16,384 x 18
••••• Pin-compatible with the IDT72V275/72V285 and IDT72V295/
72V2105 SuperSync FIFOs
••••• Functionally compatible with the 5 Volt IDT72255/72265 family
••••• 10ns read/write cycle time (6.5ns access time)
••••• Fixed, low first word data latency time
••••• 5V input tolerant
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable settings
••••• Retransmit operation with fixed, low first word data
latency time
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of two preselected offsets
••••• Program partial flags by either serial or parallel means
••••• Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using OR and IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• Independent Read and Write clocks (permit reading and
writing simultaneously)
••••• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-
pin Slim Thin Quad Flat Pack (STQFP)
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (–40°C to +85°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72V255LA/72V265LAarefunctionallycompatibleversionsofthe
IDT72255/72265 designed to run off a 3.3V supply for very low power
consumption. The IDT72V255LA/72V265LA are exceptionally deep, high
speed, CMOS First-In-First-Out (FIFO) memories with clocked read and
write controls. These FIFOs offer numerous improvements over previous
SuperSync FIFOs, including the following:
••••• The limitation of the frequency of one clock input with respect to the other
has been removed. The Frequency Select pin (FS) has been removed,
thusitisnolongernecessarytoselectwhichofthetwoclockinputs,RCLK
or WCLK, is running at the higher frequency.
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
8,192 x 18
16,384 x 18
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN
WCLK
D0 -D17
LD
MRS
REN
RCLK
OE
Q0 -Q17
OFFSET REGISTER
PRS
FWFT/SI
SEN
RT
4672 drw 01
IDT72V255LA
IDT72V265LA
3.3 VOLT CMOS SuperSync FIFO™
8,192 x 18
16,384 x 18
AUGUST 2014
©2014 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4672/4
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc and the SuperSyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FUNCTIONAL BLOCK DIAGRAM
1


Similar Part No. - 72V265LA10TFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
72V261LA10PFG IDT-72V261LA10PFG Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFG8 IDT-72V261LA10PFG8 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI IDT-72V261LA10PFGI Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI8 IDT-72V261LA10PFGI8 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - 72V265LA10TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com