Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V36110L15PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V36110L15PFGI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V36110L15PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  72V36110L15PFGI Datasheet HTML 1Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 2Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 3Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 4Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 5Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 6Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 7Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 8Page - Integrated Device Technology 72V36110L15PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V36100/72V36110 3.3V HIGH DENSITY SUPERSYNC IITM 36-BIT FIFO
65,536 x 36 and 131,072 x 36
PIN CONFIGURATIONS (CONTINUED)
PBGA: 1mm pitch, 13mm x 13mm (BB144, BBG144) Order code: BB
TOP VIEW
ASYW
WEN
WCLK
PAF
FF/IR
HF
BM
EF
RCLK
REN
OE
Q35
SEN
IW
PRS
LD
MRS
FS0
FS1
ASYR
IP
PFM
RT
Q34
D35
D34
D33
FWFT/SI
OW
VCC
VCC
BE
PAE
RM
Q32
Q3
3
D32
D31
D30
VCC
VCC
GND
GND
VCC
VCC
Q29
Q30
Q31
D29
D26
D27
VCC
Q26
Q27
Q28
D28
D25
D24
Q23
Q24
Q25
D21
D22
D23
Q22
Q21
Q20
D18
D19
D20
VCC
Q19
Q18
Q17
D15
D16
D17
VCC
Q16
Q15
Q14
D12
D13
D14
D3
D0
VCC
VCC
TDO
Q2
Q13
Q12
Q11
D10
D6
D4
D1
TMS
TCK
Q0
Q3
Q5
Q10
Q9
D8
D7
D5
D2
TRST
TDI
Q1
Q4
Q6
Q7
Q8
A1 BALL PAD CORNER
A
B
C
D
E
F
G
H
J
K
L
M
12
3
4
5
6
7
8
9
10
11
12
6117 drw02b
GND
GND
GND
GND
GND
GND
GND
GND
VCC
GND
GND
GND
GND
VCC
GND
GND
VCC
VCC
GND
GND
GND
GND
D11
D9
VCC
VCC
VCC
VCC
VCC
WCLK when WEN is asserted. During Asynchronous operation only the WR
inputisusedtowritedataintotheFIFO.DataiswrittenonarisingedgeofWR,
theWENinputshouldbetiedtoitsactivestate,(LOW).
TheoutputportcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the output port is
controlledbyaReadClock(RCLK)inputandReadEnable(REN)input. Data
is read from the FIFO on every rising edge of RCLK when REN is asserted.
DuringAsynchronousoperationonlytheRDinputisusedtoreaddatafromthe
FIFO. Data is read on a rising edge of RD, the REN input should be tied to its
activestate,LOW.WhenAsynchronousoperationisselectedontheoutputport
the FIFO must be configured for Standard IDT mode, and the OE input used
toprovidethree-statecontroloftheoutputs,Qn.
ThefrequenciesofboththeRCLKandtheWCLKsignalsmayvaryfrom0
tofMAXwithcompleteindependence. Therearenorestrictionsonthefrequency
of the one clock input with respect to the other.
Therearetwopossibletimingmodesofoperationwiththesedevices:IDT
Standard mode and First Word Fall Through (FWFT) mode.
InIDTStandardmode,thefirstwordwrittentoanemptyFIFOwillnotappear
onthedataoutputlinesunlessaspecificreadoperationisperformed.Aread
DESCRIPTION (CONTINUED)


Similar Part No. - 72V36110L15PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36110L6BCY RENESAS-72V36110L6BCY Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36110L6BCY8 RENESAS-72V36110L6BCY8 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36110L6PFG RENESAS-72V36110L6PFG Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36110L7-5PFGI RENESAS-72V36110L7-5PFGI Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
More results

Similar Description - 72V36110L15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com