Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T651S10BFGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70T651S10BFGI
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T651S10BFGI Datasheet(HTML) 5 Page - Integrated Device Technology

  70T651S10BFGI Datasheet HTML 1Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 2Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 3Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 4Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 5Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 6Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 7Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 8Page - Integrated Device Technology 70T651S10BFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
IDT70T651/9S
High-Speed 2.5V 256/128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Configurations(1,2,3)(con't.)
NOTES:
1. All VDD pins must be connected to 2.5V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (2.5V) and 2.5V if OPT pin for that port is
set to VSS (0V).
3. All VSS pins must be connected to ground.
4. A17X is a NC for IDT70T659.
5. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
6. This package code is used to reference the package diagram.
7. This text does not indicate orientation of the actual part-marking.
17
16
15
14
12
13
10
9
8
7
6
5
4
3
2
1
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O19L
I/O18L
VSS
A4L
INTL
SEML
BE1L
A8L
A12L
A16L
VSS
I/O17L
OPTL
A0L
I/O20R
VSS
I/O18R
NC
A1L
A5L
BUSYL
VSS
CE0L
CE1L
BE2L
A9L
A13L
A17L(4)
I/O16L
VDDQR
VSS
VDDQL
I/O19R
VDDQR
VDD
A2L
A6L
R/
WL
VSS
BE3L
A10L
A14L
NC
I/O15L
I/O16R
VDD
I/O22L
VSS
I/O21L
I/O20L
VDD
A3L
NC
OEL
I/O23L
I/O22R
VDDQR
I/O21R
VDDQL
I/O23R
I/O24L
VSS
I/O26L
VSS
I/O25L
I/O24R
VDD
I/O26R
VDDQR
I/O25R
VDDQL
VDD
VSS
ZZR
I/O29R
I/O28L
VDDQR
VDDQL
I/O29L
I/O30R
VSS
I/O14R
VDDQL
I/O14L
A15L
A11L
A7L
BE0L
I/O12L
I/O13R
VSS
I/O13L
VSS
I/O12R
I/O11L
I/O9L
VDDQL
I/O10L
I/O11R
VDD
I/O9R
VSS
I/O10R
ZZL
VDDQR
I/O7R
VDDQL
I/O8R
VSS
I/O8L
VSS
I/O7L
I/O6R
A0R
A1R
A2R
A3R
A4R
A5R
A6R
I/O3R
I/O31L
VSS
I/O31R
I/O30L
A16R
A12R
A8R
BE1R
VDD
SEMR
INTR
VDDQR
I/O2L
I/O3L
I/O4L
VSS
I/O33L
I/O34R
NC
A13R
A9R
BE2R
CE0R
CE1R
VDD
VSS
BUSYR
VSS
VDD
VSS
VDDQL
I/O1R
VDDQR
I/O33R
I/O34L
VDDQL
NC
A17R(4)
A14R
A10R
BE3R
VSS
I/O4R
I/O6L
VSS
I/O5R
I/O2R
VSS
I/O35L
VDD
A15R
A11R
A7R
BE0R
OER
M/
S
R/
WR
VDDQL
I/O5L
OPTR
I/O0L
I/O1L
70T651/9BF
BF-208(5,6)
208-Ball
fpBGA
Top View(7)
5632 drw 02e
I/O27L
I/O28R
VSS
I/O27R
VSS
I/O32R
I/O32L
VDDQR I/O35R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VSS
I/O0R
I/O17R
VDDQR
VSS
VDD
VSS
I/O15R
VDD
VDD
TDO
TDI
TCK
TMS
TRST
VSS


Similar Part No. - 70T651S10BFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T651S10BFGI IDT-70T651S10BFGI Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T651S10BFGI RENESAS-70T651S10BFGI Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
70T651S10BFGI8 IDT-70T651S10BFGI8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T651S10BFGI8 RENESAS-70T651S10BFGI8 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
More results

Similar Description - 70T651S10BFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com