Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V821L20TFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72V821L20TFG8
Description  3.3 VOLT DUAL CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V821L20TFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  72V821L20TFG8 Datasheet HTML 1Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 2Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 3Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 4Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 5Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 6Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 7Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 8Page - Integrated Device Technology 72V821L20TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
3.3 VOLT DUAL CMOS SyncFIFO™
DUAL 256 X 9, DUAL 512 X 9,
DUAL 1,024 X 9, DUAL 2,048 X 9,
DUAL 4,096 X 9 , DUAL 8,192 X 9
IDT72V801
IDT72V811
IDT72V821
IDT72V831
IDT72V841
IDT72V851
NOVEMBER 2014
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The TeraSync FIFO is a trademark of Integrated Device Technology, Inc.
©2014 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4093/5
FEATURES:
••••• The IDT72V801 is equivalent to two IDT72V201 256 x 9 FIFOs
••••• The IDT72V811 is equivalent to two IDT72V211 512 x 9 FIFOs
••••• The IDT72V821 is equivalent to two IDT72V221 1,024 x 9 FIFOs
••••• The IDT72V831 is equivalent to two IDT72V231 2,048 x 9 FIFOs
••••• The IDT72V841 is equivalent to two IDT72V241 4,096 x 9 FIFOs
••••• The IDT72V851 is equivalent to two IDT72V251 8,192 x 9 FIFOs
••••• Offers optimal combination of large capacity, high speed,
design flexibility and small footprint
••••• Ideal for prioritization, bidirectional, and width expansion
applications
••••• 10 ns read/write cycle time
••••• 5V input tolerant
••••• Separate control lines and data lines for each FIFO
••••• Separate Empty, Full, programmable Almost-Empty and
Almost-Full flags for each FIFO
••••• Enable puts output data lines in high-impedance state
••••• Space-saving 64-pin plastic Thin Quad Flat Pack (TQFP/
STQFP)
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72V801/72V811/72V821/72V831/72V841/72V851/72V851are
dual synchronous (clocked) FIFOs. The device is functionally equivalent to
twoIDT72V201/72V211/72V221/72V231/72V241/72V251FIFOsinasingle
packagewithallassociatedcontrol,data,andflaglinesassignedtoseparate
pins.
Each of the two FIFOs (designated FIFO A and FIFO B) contained in the
IDT72V801/72V811/72V821/72V831/72V841/72V851hasa9-bitinputdata
port (DA0 - DA8, DB0 - DB8) and a 9-bit output data port (QA0 - QA8,
QB0 - QB8). Each input port is controlled by a free-running clock (WCLKA,
WCLKB), and two Write Enable pins (WENA1, WENA2, WENB1, WENB2).
DataiswrittenintoeachofthetwoarraysoneveryrisingclockedgeoftheWrite
Clock (WCLKA, WCLKB) when the appropriate Write Enable pins are
asserted.
TheoutputportofeachFIFObankiscontrolledbyitsassociated clockpin
(RCLKA, RCLKB) and two Read Enable pins (RENA1, RENA2, RENB1,
RENB2).TheReadClockcanbetiedtotheWriteClockforsingleclockoperation
orthetwoclockscanrunasynchronousofoneanotherfordualclockoperation.
An Output Enable pin (OEA, OEB) is provided on the read port of each FIFO
forthree-stateoutputcontrol.
EachofthetwoFIFOshastwofixedflags,Empty(EFA,EFB)andFull(FFA,
FFB). Twoprogrammableflags,Almost-Empty(PAEA,PAEB)andAlmost-Full
(PAFA,PAFB),areprovidedforeachFIFObanktoimprovememoryutilization.
Ifnotprogrammed,theprogrammableflagsdefaulttoEmpty+7for PAEAand
PAEB, and Full-7 for PAFA and PAFB.
TheIDT72V801/72V811/72V821/72V831/72V841/72V851architecture
lendsitselftomanyflexibleconfigurationssuchas:
• 2-level priority data buffering
• Bidirectionaloperation
• Widthexpansion
• Depth expansion
This FIFO is fabricated using IDT's high-performance submicron CMOS
technology.
FUNCTIONAL BLOCK DIAGRAM
WCLKA
WENA1
WENA2
DA0 - DA8
LDA
OFFSET REGISTER
INPUT REGISTER
WRITE CONTROL
LOGIC
RESET LOGIC
OUTPUT REGISTER
OEA
RSA
QA0 - QA8
RCLKA
RENA1
RENA2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EFA
PAEA
PAFA
FFA
4093 drw 01
WCLKB
WENB1
WENB2
DB0 - DB8
LDB
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9, 8,192 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
OEB
RSB
QB0 - QB8
RCLKB
RENB1
RENB2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EFB
PAFB
FFB
PAEB
WRITE POINTER
RAM ARRAY
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9, 8,192 x 9


Similar Part No. - 72V821L20TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V821L20TFG8 RENESAS-72V821L20TFG8 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
More results

Similar Description - 72V821L20TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com