Electronic Components Datasheet Search |
|
70V07S25JGI Datasheet(PDF) 11 Page - Integrated Device Technology |
|
70V07S25JGI Datasheet(HTML) 11 Page - Integrated Device Technology |
11 / 19 page 11 IDT70V07S/L High-Speed 32K x 8 Dual-Port Static RAM Industrial and Commercial Temperature Ranges 2943 drw 13 tDW tAPS ADDR"A" tWC DATAOUT "B" MATCH tWP R/ W"A" DATAIN "A" ADDR"B" tDH VALID (1) MATCH BUSY"B" tBDA VALID tBDD tDDD (3) tWDD tBAA AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(6) Timing Waveform of Write with Port-to-Port Read and BUSY(2,4,5) NOTES: 1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/S = VIL (SLAVE). 2. CEL = CER = VIL 3. OE = VIL for the reading port. 4. If M/S = VIL (SLAVE), then BUSY is an input (BUSY"A" = VIH and BUSY"B" = "don't care", for this example). 5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A". NOTES: 1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read and BUSY". 2. To ensure that the earlier of the two ports wins. 3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual). 4. To ensure that the write cycle is inhibited on port "B" during contention on port "A". 5. To ensure that a write cycle is completed on port "B" after contention on port "A". 6. 'X' in part numbers indicates power rating (S or L). 70V07X25 Com'l & Ind 70V07X35 Com'l & Ind 70V07X55 Com'l Only Symbol Parameter Min.Max.Min.Max.Min.Max. Unit BUSY TIMING (M/S = VIH) tBAA BUSY Access Time from Address ____ 25 ____ 35 ____ 45 ns tBDA BUSY Disable Time from Address ____ 25 ____ 35 ____ 45 ns tBAC BUSY Access Time from Chip Enable ____ 25 ____ 35 ____ 45 ns tBDC BUSY Disable Time from Chip Enable ____ 25 ____ 35 ____ 45 ns tAPS Arbitration Priority Set-up Time(2) 5 ____ 5 ____ 5 ____ ns tBDD BUSY Disable to Valid Data(3) ____ 35 ____ 40 ____ 50 ns BUSY TIMING (M/S - VIL) tWB BUSY Input to Write(4) 0 ____ 0 ____ 0 ____ ns tWH Write Hold After BUSY(5) 20 ____ 25 ____ 25 ____ ns PORT-TO-PORT DELAY TIMING tWDD Write Pulse to Data Delay(1) ____ 55 ____ 65 ____ 85 ns tDDD Write Data Valid to Read Data Delay(1) ____ 50 ____ 60 ____ 80 ns 2943 tbl 13 |
Similar Part No. - 70V07S25JGI |
|
Similar Description - 70V07S25JGI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |