Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V321S35PFG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71V321S35PFG
Description  HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V321S35PFG Datasheet(HTML) 5 Page - Integrated Device Technology

  71V321S35PFG Datasheet HTML 1Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 2Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 3Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 4Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 5Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 6Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 7Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 8Page - Integrated Device Technology 71V321S35PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
6.42
IDT71V321S/L
High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
5
Data Retention Waveform
VCC
CE
3.0V
3.0V
DATA RETENTION MODE
tCDR
tR
VIH
VIH
VDR
VDR
≥ 2.0V
3026 drw 04
,
AC Test Conditions
590
30pF
435
DATAOUT
590
435
5pF
DATAOUT
3026 drw 05
3.3V
3.3V
BUSY
INT
,
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(for tHZ, tLZ, tWZ, and tOW)
* Including scope and jig.
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns
1.5V
1.5V
Figures 1 and 2
3026 tbl 08
AC Electrical Characteristics Over the
Operating Temperature Supply Voltage Range(2)
71V321X25
Com'l & Ind
71V321X35
Com'l & Ind
71V321X55
Com'l & Ind
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
25
____
35
____
55
____
ns
tAA
Address Access Time
____
25
____
35
____
55
ns
tACE
Chip Enable Access Time
____
25
____
35
____
55
ns
tAOE
Output Enable Access Time
____
12
____
20
____
25
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
30
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
50
____
50
____
50
ns
3026 tbl 09
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. 'X' in part numbers indicates power rating (S or L).


Similar Part No. - 71V321S35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V321S35PFG IDT-71V321S35PFG Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
71V321S35PFG8 IDT-71V321S35PFG8 Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
71V321S35PFGI IDT-71V321S35PFGI Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
71V321S35PFGI8 IDT-71V321S35PFGI8 Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
More results

Similar Description - 71V321S35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V321S IDT-IDT71V321S_18 Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
logo
Renesas Technology Corp
71V321 RENESAS-71V321 Datasheet
431Kb / 16P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
JULY 2019
71321SA RENESAS-71321SA Datasheet
492Kb / 19P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT71321SA IDT-IDT71321SA Datasheet
255Kb / 16P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com