Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V05S15JG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70V05S15JG8
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V05S15JG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  70V05S15JG8 Datasheet HTML 1Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 2Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 3Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 4Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 5Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 6Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 7Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 8Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD= 3.3V ± 0.3V)
Recommended DC Operating
Conditions
Maximum Operating Temperature
and Supply Voltage(1)
Absolute Maximum Ratings(1)
Capacitance (TA = +25°C, f = 1.0MHz)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD + 0.3V.
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
NOTES:
1. VIL> -1.5V for pulse width less than 10ns.
2. VTERM must not exceed VDD +0.3V.
l
o
b
m
y
Sg
n
it
a
Rl
a
i
c
r
e
m
m
o
C
l
a
ir
t
s
u
d
n
I
&
ti
n
U
V
M
R
E
T
)
2
(
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
t
c
e
p
s
e
R
h
ti
w
D
N
G
o
t
6
.
4
+
o
t
5
.
0
-V
T S
A
I
B
e
r
u
t
a
r
e
p
m
e
T
s
a
i
B
r
e
d
n
U
5
2
1
+
o
t
5
5
-
o
C
T G
T
S
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
T
0
5
1
+
o
t
5
6
-
o
C
I T
U
O
t
u
p
t
u
O
C
D
t
n
e
rr
u
C
0
5A
m
4
0
l
b
t
1
4
9
2
e
d
a
r
Ge
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
AD
N
GVDD
l
a
i
c
r
e
m
m
o
C0O
0
7
+
o
t
C
O
CV
0V
3
.
3
+
V
3
.
0
l
a
ir
t
s
u
d
n
I0
4
- O
5
8
+
o
t
C
O
CV
0V
3
.
3
+
V
3
.
0
5
0
l
b
t
1
4
9
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
p
y
T.
x
a
Mti
n
U
VDD
e
g
a
tl
o
V
y
l
p
p
u
S0
.
33
.
36
.
3V
VSS
d
n
u
o
r
G0
0
0
V
V H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I0
.
2
_
_
_
_
VDD
3
.
0
+
)
2
(
V
V LI
e
g
a
tl
o
V
w
o
L
t
u
p
n
I5
.
0
-
)
1
(
_
_
_
_
8
.
0V
6
0
l
b
t
1
4
9
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
)
1
(
s
n
o
it
i
d
n
o
C.
x
a
Mti
n
U
CN
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
d
3
=9
F
p
C T
U
O
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
OV T
U
O
V
d
3
=0
1F
p
7
0
l
b
t
1
4
9
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T
S
5
0
V
0
7L
5
0
V
0
7
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
I|LI|t
n
e
rr
u
C
e
g
a
k
a
e
L
t
u
p
n
I
)
1
(
V D
D
V
,
V
6
.
3
=
N
I
V
o
t
V
0
=
D
D
_
_
_
0
1
_
_
_
5A
µ
I| O
L
|t
n
e
rr
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OV T
U
O
V
o
t
V
0
=
D
D
_
_
_
0
1
_
_
_
5A
µ
V L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OI L
O
A
m
4
+
=
_
_
_
4
.
0
_
_
_
4
.
0V
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OI H
O
A
m
4
-
=4
.
2
_
_
_
4
.
2
_
_
_
V
8
0
l
b
t
1
4
9
2
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV references the interpolated capacitznce when the input and output signals
switch from 0V to 3V or from 3V to 0V.
NOTE:
1. At VDD < 2.0V input leakages are undefined.


Similar Part No. - 70V05S15JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V05S15JG8 IDT-70V05S15JG8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V05S15JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com