Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V05L20JG8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 70V05L20JG8
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V05L20JG8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 70V05L20JG8 Datasheet HTML 4Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 5Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 6Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 7Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 8Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 9Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 10Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 11Page - Integrated Device Technology 70V05L20JG8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is determined by device characterization but is not production tested.
3. To access SRAM, CE = VIL, SEM = VIH.
4. 'X' in part number indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
5
1
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
0
2
X
5
0
V
0
7
l'
m
o
C
d
n
I
&
5
2
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
ti
n
U
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
E
L
C
Y
C
D
A
E
R
t C
R
e
m
i
T
e
l
c
y
C
d
a
e
R5
1
_
_
_
_
0
2
_
_
_
_
5
2
_
_
_
_
s
n
t A
A
e
m
i
T
s
s
e
c
c
A
s
s
e
r
d
d
A
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
5
2s
n
t E
C
A
e
m
i
T
s
s
e
c
c
A
e
l
b
a
n
E
p
i
h
C
)
3
(
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
5
2s
n
t E
O
A
e
m
i
T
s
s
e
c
c
A
e
l
b
a
n
E
t
u
p
t
u
O
)
3
(
_
_
_
_
0
1
_
_
_
_
2
1
_
_
_
_
3
1s
n
t H
O
e
g
n
a
h
C
s
s
e
r
d
d
A
m
o
rf
d
l
o
H
t
u
p
t
u
O3
_
_
_
_
3
_
_
_
_
3
_
_
_
_
s
n
t Z
L
e
m
i
T
Z
-
w
o
L
t
u
p
t
u
O
)
2
,
1
(
3
_
_
_
_
3
_
_
_
_
3
_
_
_
_
s
n
t Z
H
e
m
i
T
Z
-
h
g
i
H
t
u
p
t
u
O
)
2
,
1
(
_
_
_
_
0
1
_
_
_
_
2
1
_
_
_
_
5
1s
n
t U
P
e
m
i
T
p
U
r
e
w
o
P
o
t
e
l
b
a
n
E
p
i
h
C
)
2
,
1
(
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t D
P
e
m
i
T
n
w
o
D
r
e
w
o
P
o
t
e
l
b
a
s
i
D
p
i
h
C
)
2
,
1
(
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
5
2s
n
t P
O
S
(
e
s
l
u
P
e
t
a
d
p
U
g
a
l
F
e
r
o
h
p
a
m
e
S
E
O
r
o
M
E
S
)0
1
_
_
_
_
0
1
_
_
_
_
0
1
_
_
_
_
s
n
t A
A
S
s
s
e
c
c
A
s
s
e
r
d
d
A
e
r
o
h
p
a
m
e
S
)
3
(
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
5
2s
n
a
1
1
l
b
t
1
4
9
2
5
3
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
5
5
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
ti
n
U
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M
E
L
C
Y
C
D
A
E
R
t C
R
e
m
i
T
e
l
c
y
C
d
a
e
R
5
3
_
_
_
_
5
5
_
_
_
_
s
n
t A
A
e
m
i
T
s
s
e
c
c
A
s
s
e
r
d
d
A
_
_
_
_
5
3
_
_
_
_
5
5s
n
t E
C
A
e
m
i
T
s
s
e
c
c
A
e
l
b
a
n
E
p
i
h
C
)
3
(
_
_
_
_
5
3
_
_
_
_
5
5s
n
t E
O
A
e
m
i
T
s
s
e
c
c
A
e
l
b
a
n
E
t
u
p
t
u
O
)
3
(
_
_
_
_
0
2
_
_
_
_
0
3s
n
t H
O
e
g
n
a
h
C
s
s
e
r
d
d
A
m
o
rf
d
l
o
H
t
u
p
t
u
O
3
_
_
_
_
3
_
_
_
_
s
n
t Z
L
e
m
i
T
Z
-
w
o
L
t
u
p
t
u
O
)
2
,
1
(
3
_
_
_
_
3
_
_
_
_
s
n
t Z
H
e
m
i
T
Z
-
h
g
i
H
t
u
p
t
u
O
)
2
,
1
(
_
_
_
_
5
1
_
_
_
_
5
2s
n
t U
P
e
m
i
T
p
U
r
e
w
o
P
o
t
e
l
b
a
n
E
p
i
h
C
)
2
,
1
(
0
_
_
_
_
0
_
_
_
_
s
n
t D
P
e
m
i
T
n
w
o
D
r
e
w
o
P
o
t
e
l
b
a
s
i
D
p
i
h
C
)
2
,
1
(
_
_
_
_
5
3
_
_
_
_
0
5s
n
t P
O
S
(
e
s
l
u
P
e
t
a
d
p
U
g
a
l
F
e
r
o
h
p
a
m
e
S
E
O
r
o
M
E
S
)5
1
_
_
_
_
5
1
_
_
_
_
s
n
t A
A
S
s
s
e
c
c
A
s
s
e
r
d
d
A
e
r
o
h
p
a
m
e
S
)
3
(
_
_
_
_
5
3
_
_
_
_
5
5s
n
b
1
1
l
b
t
1
4
9
2


Similar Part No. - 70V05L20JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V05L20JG8 IDT-70V05L20JG8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V05L20JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com