Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V801L10TFGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72V801L10TFGI
Description  3.3 VOLT DUAL CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V801L10TFGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72V801L10TFGI Datasheet HTML 2Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 3Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 4Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 5Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 6Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 7Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 8Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 9Page - Integrated Device Technology 72V801L10TFGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IDT72V801/72V8211/72V821/72V831/72V841/72V851 3.3V DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
LDA
WENA1
WCLKA
OPERATION ON FIFO A
LDB
WENB1
WCLKB
OPERATION ON FIFO B
0
0
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
0
1
NoOperation
1
0
Write Into FIFO
1
1
NoOperation
Figure 2. Writing to Offset Registers for FIFOs A and B
When either of the two Read Enable, RENA1, RENA2 (RENB1, RENB2)
associatedwithFIFOA(B)isHIGH,theoutputregisterholdsthepreviousdata
and no new data is allowed to be loaded into the register.
When all the data has been read from FIFO A (B), the Empty Flag, EFA
(EFB) will go LOW, inhibiting further read operations. Once a valid write
operation has been accomplished, EFA(EFB) will go HIGH after tREF and a
valid read can begin. The Read Enables, RENA1, RENA2(RENB1, RENB2)
are ignored when FIFO A (B) is empty.
Output Enable (OEA, OEB) — When Output Enable, OEA (OEB) is
enabled(LOW),theparalleloutputbuffersofFIFOA(B)receivedatafromtheir
respective output register. When Output Enable, OEA (OEB) is disabled
(HIGH), the QA (QB) output data bus is in a high-impedance state.
Write Enable 2/Load (WENA2/LDA, WENB2/LDB) — This is a dual-
purpose pin. FIFO A (B) is configured at Reset to have programmable flags
or to have two write enables, which allows depth expansion. If WENA2/LDA
(WENB2/LDB) issetHIGHatReset,RSA=LOW(RSB=LOW),thispinoperates
as a second Write Enable pin.
If FIFO A (B) is configured to have two write enables, when Write Enable
1,WENA1(WENB1)isLOWandWENA2/LDA(WENB2/LDB)isHIGH,datacan
beloadedintotheinputregisterandRAMarrayontheLOW-to-HIGHtransition
ofeveryWriteClock,WCLKA(WCLKB). Dataisstoredinthearraysequentially
and independently of any on-going read operation.
Inthisconfiguration,whenWENA1(WENB1)isHIGHand/orWENA2/LDA
(WENB2/LDB) is LOW, the input register of Array A holds the previous data
and no new data is allowed to be loaded into the register.
To prevent data overflow, the Full Flag, FFA(FFB) will go LOW, inhibiting
furtherwriteoperations. Uponthecompletionofavalidreadcycle,FFA(FFB)
willgoHIGHaftertWFF,allowingavalidwritetobegin. WENA1,(WENB1)and
WENA2/LDA(WENB2/LDB) are ignored when the FIFO is full.
FIFO A (B) is configured to have programmable flags when the WENA2/
LDA(WENB2/LDB)issetLOWatReset,RSA = LOW(RSB = LOW). EachFIFO
SIGNAL DESCRIPTIONS
FIFOAandFIFOBareidenticalineveryrespect.Thefollowingdescription
explainstheinteractionofinputandoutputsignalsforFIFOA.Thecorrespond-
ing signal names for FIFO B are provided in parentheses.
INPUTS:
Data In (DA0 – DA8, DB0 – DB8) — DA0 - DA8 are the nine data inputs
for memory array A. DB0 - DB8 are the nine data inputs for memory array B.
CONTROLS:
Reset(RSA,RSB)—ResetofFIFOA(B)isaccomplishedwheneverRSA
(RSB) input is taken to a LOW state. During reset, the internal read and write
pointersassociatedwiththeFIFOaresettothefirstlocation.Aresetisrequired
after power-up before a write operation can take place. The Full Flag, FFA
(FFB)andProgrammableAlmost-FullFlag,PAFA(PAFB)willberesettoHIGH
aftertRSF. TheEmptyFlag,EFA(EFB)andProgrammableAlmost-EmptyFlag,
PAEA(PAEB)willberesettoLOWaftertRSF. Duringreset,theoutputregister
is initialized to all zeros and the offset registers are initialized to their default
values.
WriteClock(WCLKA,WCLKB)—AwritecycletoArrayA(B)isinitiated
on the LOW-to-HIGH transition of WCLKA (WCLKB). Data set-up and hold
times must be met with respect to the LOW-to-HIGH transition of WCLKA
(WCLKB). The Full Flag, FFA (FFB) and Programmable Almost-Full Flag,
PAFA(PAFB)aresynchronizedwithrespecttotheLOW-to-HIGHtransitionof
theWriteClock,WCLKA(WCLKB).
The Write and Read clock can be asynchronous or coincident.
Write Enable 1 (WENA1, WENB1) — If FIFO A (B) is configured for
programmable flags, WENA1(WENB1) is the only enable control pin. In this
configuration,whenWENA1(WENB1)isLOW,datacanbeloadedintotheinput
register of RAM Array A (B) on the LOW-to-HIGH transition of every Write
Clock, WCLKA (WCLKB). Data is stored in Array A (B) sequentially and
independently of any on-going read operation.
In this configuration, when WENA1 (WENB1) is HIGH, the input register
holds the previous data and no new data is allowed to be loaded into the
register.
IftheFIFOisconfiguredtohavetwowriteenables,whichallowsfordepth
expansion. See Write Enable 2 paragraph below for operation in this
configuration.
To prevent data overflow, FFA(FFB) will go LOW, inhibiting further write
operations. Upon the completion of a valid read cycle, the FFA(FFB) will go
HIGH after tWFF, allowing a valid write to begin. WENA1(WENB1) is ignored
when FIFO A (B) is full.
Read Clock (RCLKA, RCLKB) — Data can be read from Array A (B)
on the LOW-to-HIGH transition of RCLKA (RCLKB). The Empty Flag, EFA
(EFB)andProgrammableAlmost-EmptyFlag,PAEA(PAEB)aresynchronized
with respect to the LOW-to-HIGH transition of RCLKA (RCLKB).
The Write and Read Clock can be asynchronous or coincident.
Read Enables (RENA1, RENA2, RENB1, RENB2) — When both Read
Enables, RENA1, RENA2(RENB1, RENB2) are LOW, data is read from Array
A(B)totheoutputregisterontheLOW-to-HIGHtransitionoftheReadClock,
RCLKA (RCLKB).
NOTE:
4093 tbl 08
1. For the purposes of this table, WENA2 and WENB2 = VIH.
2. The same selection sequence applies to reading from the registers. RENA1 and RENA2
(RENB1 and RENB2) are enabled and read is performed on the LOW-to-HIGH transition
of RCLKA (RCLKB).


Similar Part No. - 72V801L10TFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V801L10TFGI RENESAS-72V801L10TFGI Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
72V801L10TFGI8 RENESAS-72V801L10TFGI8 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
More results

Similar Description - 72V801L10TFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com