Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V221L20PFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V221L20PFG
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V221L20PFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V221L20PFG Datasheet HTML 3Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 4Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 5Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 6Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 7Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 8Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 9Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 10Page - Integrated Device Technology 72V221L20PFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
OUTPUTS:
FULL FLAG (FF)
TheFullFlag(FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
device is full. If no reads are performed after Reset (RS), the Full Flag (FF)
willgoLOWafter256writesfortheIDT72V201,512writesfortheIDT72V211,
1,024writesfortheIDT72V221,2,048writesfortheIDT72V231,4,096writes
for the IDT72V241 and 8,192 writes for the IDT72V251.
The Full Flag (FF) is synchronized with respect to the LOW-to-HIGH
transitionoftheWriteClock(WCLK).
EMPTY FLAG (EF)
TheEmptyFlag(EF)willgoLOW,inhibitingfurtherreadoperations,when
the read pointer is equal to the write pointer, indicating the device is empty.
The Empty Flag (EF) is synchronized with respect to the LOW-to-HIGH
transition of the Read Clock (RCLK).
PROGRAMMABLE ALMOST-FULL FLAG (PAF)
The Programmable Almost-Full flag (PAF) will go LOW when the FIFO
reachesthealmost-fullcondition.IfnoreadsareperformedafterReset(RS),
theProgrammableAlmost-Fullflag(PAF)willgoLOWafter (256-m)writesfor
the IDT72V201, (512-m) writes for the IDT72V211, (1,024-m) writes for the
IDT72V221, (2,048-m) writes for the IDT72V231, (4,096-m) writes for the
IDT72V241and(8,192-m)writesfortheIDT72V251. Theoffset“m”isdefined
intheFullOffsetregisters.
Ifthereisnofulloffsetspecified,theProgrammableAlmost-Fullflag(PAF)
will go LOW at Full-7 words.
TheProgrammableAlmost-Fullflag(PAF)issynchronizedwithrespectto
theLOW-to-HIGHtransitionoftheWriteClock(WCLK).
PROGRAMMABLEALMOST-EMPTYFLAG(PAE)
TheProgrammableAlmost-Emptyflag(PAE)willgoLOWwhentheread
pointer is "n+1" locations less than the write pointer. The offset "n" is defined
in the Empty Offset registers. If no reads are performed after Reset the
Programmable Almost-Empty flag (PAE) will go HIGH after "n+1" for the
IDT72V201/72V211/72V221/72V231/72V241/72V251.
Ifthereisnoemptyoffsetspecified,theProgrammableAlmost-Emptyflag
(PAE) will go LOW at Empty+7 words.
TheProgrammableAlmost-Emptyflag(PAE)issynchronizedwithrespect
to the LOW-to-HIGH transition of the Read Clock (RCLK).
DATA OUTPUTS (Q0 - Q8)
Data outputs for a 9-bit wide data.
NUMBER OF WORDS IN FIFO
IDT72V201
IDT72V211
IDT72V221
FF
PAF
PAE
EF
00
0
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1)to(256-(m+1))
(n+1)to(512-(m+1))
(n+1)to(1,024-(m+1))
HHHH
(256-m)(2)to255
(512-m)(2)to511
(1,024-m)(2)to1,023
H
L
H
H
256
512
1,024
L
L
H
H
NUMBER OF WORDS IN FIFO
IDT72V231
IDT72V241
IDT72V251
FF
PAF
PAE
EF
000
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1)to(2,048-(m+1))
(n+1)to(4,096-(m+1))
(n+1)to(8,192-(m+1))
HHHH
(2,048-m)(2)to2,047
(4,096-m)(2) to4,095
(8,192-m)(2) to8,191
H
L
H
H
2,048
4,096
8,192
L
L
H
H
NOTES:
1. n = Empty Offset (n = 7 default value)
2. m = Full Offset (m = 7 default value)
TABLE 1 — STATUS FLAGS


Similar Part No. - 72V221L20PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V221L20PFG RENESAS-72V221L20PFG Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V221L20PFG8 RENESAS-72V221L20PFG8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V221L20PFGI RENESAS-72V221L20PFGI Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V221L20PFGI8 RENESAS-72V221L20PFGI8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V221L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com