Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7008L20JG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7008L20JG8
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7008L20JG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  7008L20JG8 Datasheet HTML 1Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 2Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 3Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 4Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 5Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 6Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 7Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 8Page - Integrated Device Technology 7008L20JG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
6.42
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
NOTES:
1. AllVccpinsmustbeconnectedtopowersupply.
2. Packagebodyisapproximately14mmx14mmx1.4mm.
3. Thispackagecodeisusedtoreferencethepackagediagram.
Pin Configurations(1,2,3) (con't.)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
7008
PN100(3)
3198 drw 03
NC
NC
I/O6R
I/O5R
I/O4R
I/O3R
Vcc
I/O2R
I/O0R
GND
Vcc
I/O0L
I/O1L
GND
I/O2L
I/O4L
I/O5L
I/O6L
I/O7L
I/O3L
I/O1R
I/O7R
GND
NC
NC
NC
NC
A6R
A5R
A4R
A3R
A2R
A1R
A0R
INTR
BUSYR
M/
S
BUSYL
INTL
NC
A0L
GND
A2L
A3L
A5L
A6L
NC
NC
A1L
A4L
INDEX


Similar Part No. - 7008L20JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7008L20JG8 IDT-7008L20JG8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7008L20JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com