Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V231L20PFGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 72V231L20PFGI8
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V231L20PFGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 72V231L20PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 11Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 12Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 13Page - Integrated Device Technology 72V231L20PFGI8 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
NOTES:
1. m = PAF offset.
2. 256 - m words in FIFO for IDT72V201, 512 - m words for IDT72V211, 1,024 - m words for IDT72V221, 2,048 - m words for IDT72V231, 4,096 - m words for IDT72V241, 8,192 - m
words for IDT72V251.
3. tSKEW2 is the minimum time between a rising RCLK edge and a rising WCLK edge for PAF to change during that clock cycle. If the time between the rising edge of RCLK and
the rising edge of WCLK is less than tSKEW2, then PAF may not change state until the next WCLK rising edge.
4. If a write is performed on this rising edge of the write clock, there will be Full - (m-1) words in the FIFO when PAF goes LOW.
NOTES:
1. n = PAE offset.
2. tSKEW2 is the minimum time between a rising WCLK edge and a rising RCLK edge for PAE to change during that clock cycle. If the time between the rising edge of WCLK and
the rising edge of RCLK is less than tSKEW2, then PAE may not change state until the next RCLK rising edge.
3. If a read is performed on this rising edge of the read clock, there will be Empty + (n-1) words in the FIFO when PAE goes LOW.
Figure 11. Programmable Empty Flag Timing
Figure 10. Programmable Full Flag Timing
tENS
tENH
tENS
tENH
tENS
tENH
WCLK
WEN1
WEN2
(If Applicable)
PAF
RCLK
REN1,
REN2
(4)
(1)
tPAF
Full - (m + 1) words in FIFO
Full - m words in FIFO
(2)
tCLKH
tCLKL
tSKEW2
(3)
tPAF
4092 drw12
WCLK
WEN1
WEN2
PAE
RCLK
REN1,
REN2
tENS
tENH
tENS
tENH
tSKEW2
(2)
tENS
tENH
(If Applicable)
tPAE
tPAE
(3)
(1)
n words in FIFO
n + 1 words in FIFO
tCLKH
tCLKL
4092 drw13


Similar Part No. - 72V231L20PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V231L20PFGI8 RENESAS-72V231L20PFGI8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V231L20PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com