Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02560409-000 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 02560409-000
Description  Small size and low mass core
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

02560409-000 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  02560409-000 Datasheet HTML 1Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 2Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 3Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 4Page - TE Connectivity Ltd 02560409-000 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MHR SERIES
Miniature General Purpose AC LVDT
SENSOR SOLUTIONS /// MHR Series Rev. 8
5/2016
Page 2
PERFORMANCE SPECIFICATIONS
ELECTRICAL SPECIFICATIONS (common)
Input voltage
3 VRMS sine wave
Input frequency
2kHz to 20kHz
Test frequency
2.5kHz (standard)
ELECTRICAL SPECIFICATIONS @ 10kHz (recommended operation)
Parameter
MHR 005
MHR 010
MHR 025
MHR 050
MHR 100
MHR 250
MHR 500
MHR 1000 MHR 2000
Stroke range
±0.005
[±0.13]
±0.010
[±0.25]
±0.025
[±0.64]
±0.05
[±1.27]
±0.10
[±2.54]
±0.25
[±6.35]
±0.5
[±12.7]
±1
[±25.4]
±2
[±50.8]
Sensitivity
V/V/inch
[mV/V/mm]
8.70
[343]
6.05
[238]
8.10
[319]
3.15
[124]
2.80
[110]
2.07
[81.5]
1.96
[77.2]
0.77
[30.3]
0.49
[19.3]
Output at stroke ends
mV/V (*)
43.5
60.5
202.5
157.5
280
517.5
980
770
980
Phase shift
+38°
+20°
+21°
+8°
+5°
+7°
+7°
-1°
-15°
Input impedance
(PRIMARY)
84Ω
165Ω
238Ω
419Ω
400Ω
345Ω
264Ω
155Ω
504Ω
Output impedance
(SECONDARY)
302Ω
300Ω
485Ω
154Ω
200Ω
420Ω
810Ω
450Ω
1780Ω
Non-linearity
±% of FR
@ 50% stroke
0.20
0.10
0.15
0.15
0.15
0.15
0.15
0.20
/
@100% stroke (max)
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.50
@125% stroke
0.30
0.35
0.25
0.35
0.25
0.35
0 .30 (**)
0 .50
/
@150% stroke
0.40
0.35
0.30
0.50
0.30
0.50 (**)
0.75 (**)
/
/
Null voltage (max.)
2.5% FRO 1.0% FRO
0.5% of FRO
ELECTRICAL SPECIFICATIONS @ 2.5kHz (standard calibration)
Parameter
MHR 005
MHR 010
MHR 025
MHR 050
MHR 100
MHR 250
MHR 500
MHR 1000 MHR 2000
Stroke range
±0.005
[±0.13]
±0.010
[±0.25]
±0.025
[±0.64]
±0.05
[±1.27]
±0.10
[±2.54]
±0.25
[±6.35]
±0.5
[±12.7]
±1
[±25.4]
±2
[±50.8]
Sensitivity
V/V/in
[mV/V/mm]
3.19
[126]
3.36
[132]
4.36
[172]
2.55
[100]
2.40
[94]
1.73
[68]
1.60
[63]
0.70
[27]
0.47
[19]
Output at stroke ends,
mV/V (*)
16
33.6
109
127.5
240
432.5
800
700
940
Phase shift
+73°
+59°
+58°
+36°
+30°
+33°
+23°
+6°
+3°
Input impedance
(PRIMARY)
59Ω
78Ω
116Ω
141Ω
135Ω
147Ω
145Ω
100Ω
304Ω
Output impedance
(SECONDARY)
260Ω
192Ω
286Ω
90Ω
125Ω
268Ω
445Ω
370Ω
13620Ω
Non-linearity
±% of FR
@ 50% stroke
0.20
0.10
0.15
0.15
0.15
0.15
0.15
0.20
/
@100% stroke (max)
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
@125% stroke
0.30
0.35
0.25
0.35
0.25
0.35
0.30 (**)
0 .50
/
@150% stroke
0.40
0.35
0.30
0.50
0.30
0.50 (**)
0.75 (**)
/
/
Null voltage (max)
3% FRO
1.5% FRO
0.5% of FRO
(*) Unit for output at stroke ends is millivolt per volt of input voltage
(**) Requires special reduced core length


Similar Part No. - 02560409-000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0256001.M LITTELFUSE-0256001.M Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256001.M- LITTELFUSE-0256001.M- Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256001.M-ND LITTELFUSE-0256001.M-ND Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256002.M LITTELFUSE-0256002.M Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
0256002.M- LITTELFUSE-0256002.M- Datasheet
473Kb / 1P
   PICO II Fast-Acting Type
More results

Similar Description - 02560409-000

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
   Small size and low cost
HJR4102E TIANBO-HJR4102E Datasheet
1Mb / 3P
   Small size and low cost
logo
Murata Manufacturing Co...
DLW21SN181XQ2 MURATA1-DLW21SN181XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21SZ261XQ2 MURATA1-DLW21SZ261XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN181SQ2 MURATA1-DLW21HN181SQ2_V01 Datasheet
342Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SN211XK2 MURATA1-DLW21SN211XK2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN670HQ2 MURATA1-DLW21HN670HQ2_V01 Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/20
DLW21HN900HQ2 MURATA1-DLW21HN900HQ2_V01 Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SN261XQ2 MURATA1-DLW21SN261XQ2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN121SQ2 MURATA1-DLW21HN121SQ2_V01 Datasheet
341Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com