Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17211X Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17211X
Description  Battery charger or power supply
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17211X Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17211X Datasheet HTML 1Page - Maxim Integrated Products MAX17211X Datasheet HTML 2Page - Maxim Integrated Products MAX17211X Datasheet HTML 3Page - Maxim Integrated Products MAX17211X Datasheet HTML 4Page - Maxim Integrated Products MAX17211X Datasheet HTML 5Page - Maxim Integrated Products MAX17211X Datasheet HTML 6Page - Maxim Integrated Products MAX17211X Datasheet HTML 7Page - Maxim Integrated Products MAX17211X Datasheet HTML 8Page - Maxim Integrated Products MAX17211X Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Evaluate: MAX17201/MAX17211
MAX17201G/MAX17201X/
MAX17211G/MAX17211X
Evaluation Kits
General Description
The MAX17201G/MAX17201X/MAX17211G/MAX17211X
evaluation kits (EV kits) are fully assembled and test-
ed surface-mount PCBs that evaluate the stand-alone
ModelGauge™ m5 pack-side fuel-gauge ICs for lithium-
ion (Li+) batteries in handheld and portable equipment.
The MAX17201 and MAX17211 are for single-cell appli-
cations. See the MAX17205 and MAX17215 for multicell
applications.
The MAX17201G/MAX17201X/MAX17211G/MAX17211X
EV kits include the Maxim DS91230+ USB interface, IC
evaluation board, and RJ-11 connection cable. Windows®
based graphical user interface (GUI) software is avail-
able for use with the EV kit and can be downloaded from
Maxim’s website
www.maximintegrated.com/evkitsoft-
ware. Windows 7 or newer Windows operating system is
required to use with the EV kit GUI software.
Benefits and Features
● ModelGauge m5 Algorithm
● Nonvolatile Memory Configured for Stand-Alone
Operation
● Monitors 1S Cell Packs
● Battery Pack Input Voltage Range of +2.1V to +4.9V
per Cell
● Thermistor Measurement Network
● Optional On-Board PCB Trace Sense Resistor
● Windows 7 or Newer Compatible Software
● Proven PCB Layout
● Fully Assembled and Tested
19-8473; Rev 1; 4/16
Ordering Information appears at end of data sheet.
Windows is a registered trademarks and registered service
marks of Microsoft Corporation.
ModelGauge is a trademark of Maxim Integrated Products, Inc.
Quick Start
Required Equipment
● MAX17201G/MAX17201X/MAX17211G/MAX17211X
EV kit
● Lithium battery pack of desired configuration
● Battery charger or power supply
● Load circuit
● DS91230+ USB adapter
● RJ-11 6pos reverse modular cord
● PC with Windows 7 or newer windows operating sys-
tem and USB port
Procedure
The EV kits are fully assembled and tested. Follow the
steps below to install the EV kit software, make required
hardware connections, and start operation of the kits. The
EV kit software can be run without hardware attached.
It automatically locates the hardware when connections
are made. Note that after communication is established
the IC must still be configured correctly for the fuel
gauge to be accurate. See the Configuration Wizard and
ModelGauge m5 EZ Configuration sections of the GUI
software description.
1) Visit
www.maximintegrated.com/evkitsoftware to
downloadthelatestversionoftheMAX17201_05_11_15K
EV kit software. Save the EV kit software to a temporary
folder and unpack the ZIP file.
2) Install the EV kit software on your computer by run-
ning the MAX17201_05_11_15K_Install.exe program
inside the temporary folder. The program files are
copied and icons are created in the Windows
Start
menu. The software requires the .NET Framework 4.5
or later. If you are connected to the internet, Windows
automatically updates .NET framework as needed.
3) The EV kit software launches automatically after in-
stallation or alternatively it can be launched by click-
ing on its icon in the Windows
Start menu.
4) Connect the DS91230+ adapter to a USB port on the
PC. The DS91230+ is a HID device and is located
automatically by Windows without the need to install
additional drivers.
MAX17201G/MAX17201X/
MAX17211G/MAX17211X EV Kit Files
FILE
DECRIPTION
MAX17201_05_11_15K_
V2_0_0_0_Install.exe
Installs all EV kit files
on your computer


Similar Part No. - MAX17211X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17211XEVKIT# MAXIM-MAX17211XEVKIT# Datasheet
2Mb / 24P
   Lithium battery pack of desired configuration
Rev 1; 4/16
More results

Similar Description - MAX17211X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
   Battery charger or power supply
Rev 0; 1/17
logo
Mean Well Enterprises C...
PS-120 MEANWELL-PS-120 Datasheet
185Kb / 2P
   120W Single Output Power Supply or Battery Charger
PS-120_0811 MEANWELL-PS-120_0811 Datasheet
567Kb / 2P
   120W Single Output Power Supply or Battery Charger
PA-120 MEANWELL-PA-120 Datasheet
184Kb / 2P
   120W Single Output Power Supply or Battery Charger
PA-120 MEANWELL-PA-120_11 Datasheet
566Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
Total Power Internation...
PB-120 TOTAL-POWER-PB-120 Datasheet
193Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
369Kb / 20P
   POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
logo
Gamewell-FCI by Honeywe...
PM-9G GAMEWELL-FCI-PM-9G Datasheet
65Kb / 1P
   PM-9G Power Supply and Battery Charger
logo
Mean Well Enterprises C...
ESP-120 MEANWELL-ESP-120 Datasheet
297Kb / 2P
   108W/216W Desktop Power Supply or Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com