Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T659S15DRG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70T659S15DRG
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T659S15DRG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70T659S15DRG Datasheet HTML 3Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 4Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 5Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 6Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 7Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 8Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 9Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 10Page - Integrated Device Technology 70T659S15DRG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
IDT70T651/9S
High-Speed 2.5V 256/128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. It is possible to read or write any combination of bytes during a given access. A few representative samples have been illustrated here.
Truth Table I—Read/Write and Enable Control(1,2)
OE
SEM
CE0
CE1
BE3
BE2
BE1
BE0
R/W
ZZ
Byte 3
I/O27-35
Byte 2
I/O18-26
Byte 1
I/O9-17
Byte 0
I/O0-8
MODE
X
H
H
X
X
X
X
X
X
L
High-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
H
X
L
X
X
X
X
X
L
High-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
H
L
HHHH
H
X
L
High-Z
High-Z
High-Z
High-Z
All Bytes Deselected
X
H
L
HHHH
L
L
L
High-Z
High-Z
High-Z
DIN
Write to Byte 0 Only
X
H
L
H
H
H
L
H
L
L
High-Z
High-Z
DIN
High-Z
Write to Byte 1 Only
XH
L
H
H
L
H
H
L
L
High-Z
DIN
High-Z
High-Z
Write to Byte 2 Only
X
H
LH
LH
H
H
L
L
DIN
High-Z
High-Z
High-Z
Write to Byte 3 Only
X
H
L
H
H
H
L
L
L
L
High-Z
High-Z
DIN
DIN
Write to Lower 2 Bytes Only
X
H
L
H
LL
H
H
LL
DIN
DIN
High-Z
High-Z
Write to Upper 2 bytes Only
X
H
L
H
LLL
LLL
DIN
DIN
DIN
DIN
Write to All Bytes
L
H
L
HHHH
L
H
L
High-Z
High-Z
High-Z
DOUT
Read Byte 0 Only
L
H
L
H
H
H
L
H
H
L
High-Z
High-Z
DOUT
High-Z
Read Byte 1 Only
LH
LH
H
L
H
H
H
L
High-Z
DOUT
High-Z
High-Z
Read Byte 2 Only
LH
LH
LH
H
H
H
L
DOUT
High-Z
High-Z
High-Z
Read Byte 3 Only
L
H
L
H
H
H
L
L
H
L
High-Z
High-Z
DOUT
DOUT
Read Lower 2 Bytes Only
LH
LH
L
L
H
H
H
L
DOUT
DOUT
High-Z
High-Z
Read Upper 2 Bytes Only
LH
LH
L
L
L
LH
L
DOUT
DOUT
DOUT
DOUT
Read All Bytes
H
H
L
H
L
L
L
L
X
L
High-Z
High-Z
High-Z
High-Z
Outputs Disabled
XXXXXXXX
X
H
High-Z
High-Z
High-Z
High-Z
High-Z Sleep Mode
5632 tbl 02
Truth Table II – Semaphore Read/Write Control(1)
NOTES:
1. There are eight semaphore flags written to I/O0 and read from all the I/Os (I/O0-I/O35). These eight semaphore flags are addressed by A0-A2.
2. CE = L occurs when CE0 = VIL and CE1 = VIH. CE = H when CE0 = VIH and/or CE1 = VIL.
3. Each byte is controlled by the respective BEn. To read data BEn = VIL.
Inputs(1)
Outputs
Mode
CE(2)
R/W
OE
BE3
BE2
BE1
BE0
SEM
I/O1-35
I/O0
H
H
LLL
LL
L
DATAOUT
DATAOUT Read Data in Semaphore Flag(3)
H
X
XXX
L
L
X
DATAIN
Write I/O0 into Semaphore Flag
L
X
X
XXX
X
L
______
______
Not Allowed
5632 tbl 03


Similar Part No. - 70T659S15DRG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T659S15DRG IDT-70T659S15DRG Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
70T659S15DRG8 IDT-70T659S15DRG8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
70T659S15DRGI IDT-70T659S15DRGI Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
70T659S15DRGI8 IDT-70T659S15DRGI8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T659S15DRG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com