Electronic Components Datasheet Search |
|
72V235L15PFG Datasheet(PDF) 9 Page - Integrated Device Technology |
|
72V235L15PFG Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 25 page 9 IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18 COMMERCIALANDINDUSTRIAL TEMPERATURERANGES MARCH 2013 Figure 2. Writing to Offset Registers LD WEN WCLK Selection 0 0 Writingtooffsetregisters: EmptyOffset FullOffset 0 1 NoOperation 1 0 Write Into FIFO 1 1 NoOperation Figure 3. Offset Register Location and Default Values SIGNAL DESCRIPTIONS: INPUTS: DATA IN (D0 - D17) Data inputs for 18-bit wide data. CONTROLS: RESET (RS) Reset is accomplished whenever the Reset (RS) input is taken to a LOW state. During reset, both internal read and write pointers are set to the first location. A reset is required after power-up before a write operation can take place.TheHalf-FullFlag(HF)andProgrammableAlmost-FullFlag(PAF)will beresettoHIGHaftertRSF.TheProgrammableAlmost-EmptyFlag(PAE)will be reset to LOW after tRSF. The Full Flag (FF) will reset to HIGH. The Empty Flag(EF)willresettoLOWinIDTStandardmodebutwillresettoHIGHinFWFT mode. Duringreset,theoutputregisterisinitializedtoallzerosandtheoffset registersareinitializedtotheirdefaultvalues. WRITE CLOCK (WCLK) AwritecycleisinitiatedontheLOW-to-HIGHtransitionoftheWriteClock (WCLK).DatasetupandholdtimesmustbemetwithrespecttotheLOW-to-HIGH transitionofWCLK. The Write and Read Clocks can be asynchronous or coincident. WRITE ENABLE (WEN) WhentheWENinput isLOW,datamaybeloadedintotheFIFORAMarray on the rising edge of every WCLK cycle if the device is not full. Data is stored in the RAM array sequentially and independently of any ongoing read operation. WhenWENisHIGH,nonewdataiswrittenintheRAMarrayoneachWCLK cycle. To prevent data overflow in the IDT Standard Mode, FF will go LOW, inhibiting further write operations. Upon the completion of a valid read cycle, FF will go HIGH allowing a write to occur. TheFF flag is updated on the rising edgeofWCLK. To prevent data overflow in the FWFT mode, IR will go HIGH, inhibiting further write operations. Upon the completion of a valid read cycle, IR will go LOWallowingawritetooccur. TheIRflagisupdatedontherisingedgeofWCLK. WENisignoredwhentheFIFOisfullineitherFWFTorIDTStandardmode. READ CLOCK (RCLK) DatacanbereadontheoutputsontheLOW-to-HIGHtransitionoftheRead Clock (RCLK), when Output Enable (OE) is set LOW. The Write and Read Clocks can be asynchronous or coincident. READ ENABLE (REN) WhenReadEnableisLOW,dataisloadedfromtheRAMarrayintotheoutput register on the rising edge of every RCLK cycle if the device is not empty. WhentheRENinputisHIGH,theoutputregisterholdsthepreviousdataand nonewdataisloadedintotheoutputregister. ThedataoutputsQ0-Qnmaintain the previous data value. In the IDT Standard mode, every word accessed at Qn, including the first wordwrittentoanemptyFIFO,mustberequestedusingREN. Whenthelast wordhasbeenreadfromtheFIFO,theEmptyFlag(EF)willgoLOW,inhibiting furtherreadoperations. RENisignoredwhentheFIFOisempty. Onceawrite isperformed,EFwillgoHIGHallowingareadtooccur. TheEFflagisupdated on the rising edge of RCLK. IntheFWFTmode,thefirstwordwrittentoanemptyFIFOautomaticallygoes to the outputs Qn, on the third valid LOW to HIGH transition of RCLK + tSKEW afterthefirstwrite. RENdoesnotneedtobeassertedLOW. Inordertoaccess allotherwords,areadmustbeexecutedusingREN. TheRCLKLOWtoHIGH transitionafterthelastwordhasbeenreadfromtheFIFO,OutputReady(OR) willgoHIGHwithatrue read(RCLKwith REN=LOW),inhibitingfurtherread operations. REN is ignored when the FIFO is empty. OUTPUT ENABLE (OE) When Output Enable (OE) is enabled (LOW), the parallel output buffers receivedatafromtheoutputregister.WhenOEisdisabled(HIGH),theQoutput databusisinahigh-impedancestate. LOAD (LD) The IDT72V205/72V215/72V225/72V235/72V245 devices contain two 12-bitoffsetregisterswithdataontheinputs,orreadontheoutputs. Whenthe Load (LD) pin is set LOW and WEN is set LOW, data on the inputs D0-D11 is writtenintotheEmptyOffsetregisteronthefirstLOW-to-HIGHtransitionofthe Write Clock (WCLK). When the LD pin and WEN are held LOW then data is written into the Full Offset register on the second LOW-to-HIGH transition of WCLK.ThethirdtransitionofWCLKagainwritestotheEmptyOffsetregister. However,writingalloffsetregistersdoesnothavetooccuratonetime.One ortwooffsetregisterscanbewrittenandthenbybringingtheLDpinHIGH,the FIFOisreturnedtonormalread/writeoperation.WhentheLDpinissetLOW, and WEN is LOW, the next offset register in sequence is written. EMPTY OFFSET REGISTER 17 11 0 001FH (72V205) 003FH (72V215): 007FH (72V225/72V235/72V245) FULL OFFSET REGISTER 17 11 0 DEFAULT VALUE DEFAULT VALUE 001FH (72V205) 003FH (72V215): 007FH (72V225/72V235/72V245) 4294 drw 04 NOTE: 1. Any bits of the offset register not being programmed should be set to zero. NOTE: 1. The same selection sequence applies to reading from the registers. REN is enabled and read is performed on the LOW-to-HIGH transition of RCLK. |
Similar Part No. - 72V235L15PFG |
|
Similar Description - 72V235L15PFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |