Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V231L10PFG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 72V231L10PFG
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V231L10PFG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 72V231L10PFG Datasheet HTML 6Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 7Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 8Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 9Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 10Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 11Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 12Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 13Page - Integrated Device Technology 72V231L10PFG Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
10
NOTE:
1. Only one of the two Write Enable inputs, WEN1 or WEN2, needs to go inactive to inhibit writes to the FIFO.
Figure 8. Full Flag Timing
NOTE:
1. When tSKEW1
≥ minimum specification, tFRL maximum = tCLK + tSKEW1
When tSKEW1
< minimum specification, tFRL maximum = 2tCLK + tSKEW1 or tCLK + tSKEW1
The Latency Timings apply only at the Empty Boundary (EF = LOW).
Figure 9. Empty Flag Timing
tSKEW1
tDS
tSKEW1
tENH
tENH
NEXT DATA READ
DATA READ
WCLK
D0 - D8
FF
WEN1
WEN2
(If Applicable)
RCLK
REN1,
REN2
Q0 - Q8
tWFF
tWFF
tWFF
tENS
tENS
DATA IN OUTPUT REGISTER
OE LOW
NO WRITE
NO WRITE
4092 drw10
tA
tA
tENS
tENS
tENS
(1)
tENS
(1)
tENH
tENH
NO WRITE
tA
tDS
tDS
DATA WRITE 1
tENS
tENH
tENH
tENS
tENH
tENS
tENH
DATA WRITE 2
WCLK
D0 - D8
RCLK
EF
REN1,
REN2
OE
Q0 - Q8
DATA READ
tSKEW1
(1)
tFRL
tFFL
DATA IN OUTPUT REGISTER
(1)
tSKEW1
LOW
tENS
WEN2
(If Applicable)
tREF
tREF
tREF
WEN1
4092 drw11


Similar Part No. - 72V231L10PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V231L10PFG RENESAS-72V231L10PFG Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V231L10PFG8 RENESAS-72V231L10PFG8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V231L10PFGI RENESAS-72V231L10PFGI Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V231L10PFGI8 RENESAS-72V231L10PFGI8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V231L10PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com