Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V06S15JGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V06S15JGI
Description  HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V06S15JGI Datasheet(HTML) 3 Page - Integrated Device Technology

  70V06S15JGI Datasheet HTML 1Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 2Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 3Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 4Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 5Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 6Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 7Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 8Page - Integrated Device Technology 70V06S15JGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
6.42
IDT70V06S/L
High-Speed 3.3V 16K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
Pin Names
NOTES:
1. All VDD pins must be connected to power supply.
2. All VSS pins must be connected to ground supply.
3. Package body is approximately 1.18 in x 1.18 in x .16 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part marking.
Pin Configurations(1,2,3) (con't.)
2942 drw 04
51
50
48
46
44
42
40
38
36
53
55
57
59
61
63
65
67
68
66
13
57
9
11
13
15
20
22
24
26
28
30
32
35
IDT70V06G
G68(4)
68-Pin PGA
Top View(5)
AB
C
D
EF
G
H
J
K
L
47
45
43
41
34
21
23
25
27
29
31
33
24
68
10
12
14
16
18
19
17
56
58
60
62
64
11
10
09
08
07
06
05
04
03
02
01
52
54
49
39
37
A5L
INTL
N/C
SEML
CEL
VDD
OEL
R/
WL
I/O0L
N/C
VSS
VSS
I/O0R
VDD
N/C
OER
R/
WR
SEMR
CER
VSS
BUSYR
BUSYL M/S
INTR
N/C
VSS
A1R
A13L
A13R
INDEX
A4L
A2L
A0L
A3R
A2R
A4R
A5R
A7R
A6R
A9R
A8R
A11R
A10R
A12R
A0R
A7L
A6L
A3L
A1L
A9L
A8L
A11L
A10L
A12L
VDD
I/O2R
I/O3R I/O5R
I/O6R
I/O1R
I/O4R
I/O7R
I/O1L
I/O2L
I/O4L
I/O7L
I/O3L
I/O5L
I/O6L
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L
A0R - A13R
Address
I/O0L - I/O7L
I/O0R - I/O7R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VDD
Power (3.3V)
VSS
Ground (0V)
2942 tbl 01


Similar Part No. - 70V06S15JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V06S15JGI IDT-70V06S15JGI Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06S15JGI8 IDT-70V06S15JGI8 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V06S15JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com