Electronic Components Datasheet Search |
|
72V241L10JGI8 Datasheet(PDF) 3 Page - Integrated Device Technology |
|
72V241L10JGI8 Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 14 page 3 IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 COMMERCIALANDINDUSTRIAL TEMPERATURERANGES IDT72V201 IDT72V211 IDT72V221 IDT72V231 IDT72V241 IDT72V251 Commercial and Industrial(1) tCLK = 10, 15, 20 ns Symbol Parameter Min. Typ. Max. Unit ILI(2) InputLeakageCurrent(AnyInput) –1 — 1 μA ILO(3) OutputLeakageCurrent –10 — 10 μA VOH Output Logic “1” Voltage, IOH = –2mA 2.4 — — V VOL Output Logic “0” Voltage, IOL = 8mA — — 0.4 V ICC1(4,5,6) Active Power Supply Current — — 20 mA ICC2(4,7) StandbyCurrent — — 5 mA CAPACITANCE (TA= +25°C, f = 1.0MHz) Symbol Parameter Conditions Max. Unit CIN(2) InputCapacitance VIN = 0V 10 pF COUT(1,2) OutputCapacitance VOUT = 0V 10 pF NOTES: 1. With output deselected (OE ≥≥≥≥≥ VIH). 2. Characterized values, not currently tested. DC ELECTRICAL CHARACTERISTICS (Commercial: VCC = 3.3V ± 0.3V, TA = 0 °C to +70°C;Industrial: VCC = 3.3V ± 0.3V, TA = -40°C to +85°C) NOTES: 1. Industrial temperature range product for the 15ns speed grade is available as a standard device. All other speed grades are available by special order. 2. Measurements with 0.4 ≤ VIN ≤ VCC. 3. OE ≥ VIH, 0.4 ≤ VOUT ≤ VCC. 4. Tested with outputs disabled (IOUT = 0). 5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz. 6. Typical ICC1 = 0.17 + 0.48*fS + 0.02*CL*fS (in mA) with VCC = 3.3V, TA = 25 °C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF). 7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz. ABSOLUTE MAXIMUM RATINGS(1) NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminal only. Symbol Rating Com'l & Ind'l Unit VTERM(2) TerminalVoltagewith –0.5 to +5 V Respect to GND TSTG StorageTemperature –55 to +125 °C IOUT DCOutputCurrent –50 to +50 mA RECOMMENDEDOPERATING CONDITIONS Symbol Parameter Min. Typ. Max. Unit VCC SupplyVoltage 3.0 3.3 3.6 V Commercial/Industrial GND SupplyVoltage 0 0 0 V VIH InputHighVoltage 2.0 — 5.5 V Commercial/Industrial VIL InputLowVoltage -0.5 — 0.8 V Commercial/Industrial TA OperatingTemperature 0 — 70 °C Commercial TA OperatingTemperature -40 — 85 °C Industrial |
Similar Part No. - 72V241L10JGI8 |
|
Similar Description - 72V241L10JGI8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |